전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-13F-32-C2-R0

  • AI
    The **ATS-13F-32-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs. --- ### 1. Technical Specifications The part number encodes specific physical and thermal characteristics: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Base Series** | maxiFLOW™ | | **Thermal Resistance** | 3.17°C/W (Unducted Flow @ 200 LFM) | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Dimensions** | 57.9mm x 60.96mm | | **Height** | 12.7mm | --- ### 2. Design and Component Breakdown #### A. The Fin Geometry (maxiFLOW™) Unlike standard straight-fin heat sinks, this model uses a **tapered fin design**. This geometry is engineered to: * Increase surface area for heat exchange. * Maximize airflow through the fin field. * Reduce pressure drop across the heat sink. #### B. The Attachment Mechanism (pushPIN™) The "R0" suffix often indicates the inclusion of the **pushPIN™** assembly. This includes: * **Brass/Plastic Pins:** Used to secure the sink to the PCB. * **Compression Springs:** Provides precise "Firm-to-PCB" pressure to ensure optimal thermal interface contact. * **Attachment Holes:** Requires pre-drilled holes in the motherboard/PCB. #### C. Thermal Interface Material (TIM) The "C2" designation typically refers to the thermal performance or the specific thermal interface material applied to the base. * It ensures there are no microscopic air gaps between the heat source (chip) and the aluminum base. --- ### 3. Application Use Cases This specific part is used in environments where vertical space is limited (due to its 12.7mm height) but high thermal dissipation is required: 1. **Telecommunications:** Networking switches and routers. 2. **Embedded Computing:** Industrial PC boards. 3. **Power Supplies:** Cooling MOSFETs or power regulators. --- ### 4. Part Number Decoder A quick breakdown of the ATS nomenclature for this part: * **ATS:** Advanced Thermal Solutions. * **13:** Series/Category identifier. * **F:** Fin style/pitch. * **32:** Specific size/footprint code. * **C2:** Thermal performance/material coating level. * **R0:** Revision/Packaging/Mounting kit version.
    ✨ Follow-up Questions
    • ⤷ What are the PCB hole requirements for the pushPIN™ attachment?
    • ⤷ How does the 'C2' thermal material compare to standard thermal grease?
    • ⤷ Can this heat sink be used in a passive cooling environment without fans?