전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-13F-49-C2-R0

  • AI
    The **ATS-13F-49-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series, designed for efficient cooling of surface-mount components like CPUs, GPUs, and FPGAs. --- ### 1. Technical Specifications Below are the key physical and thermal properties of the component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Type** | pushPIN™ (Spring-loaded) | | **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 20.00mm | | **Fin Style** | Fine Pitch (Cross-Cut) | | **Thermal Resistance** | 5.43 °C/W (Unducted Flow @ 100 LFM) | --- ### 2. Component Design Breakdown #### A. Fin Geometry The "Fine Pitch" cross-cut pattern increases the surface area available for heat dissipation. This design is optimized for environments with high-velocity airflow, allowing air to pass through multiple directions. #### B. Attachment Mechanism (pushPIN™) Instead of adhesive tapes, this part uses a mechanical fastening system: * **Push Pins:** Provide a secure, vibration-resistant connection to the PCB. * **Compression Springs:** Ensure consistent "Pressure-to-Surface" contact, which is critical for minimizing thermal interface resistance. #### C. Thermal Interface Material (TIM) The part typically comes with a pre-applied high-performance thermal interface material. This fills microscopic air gaps between the heat sink base and the electronic component, significantly improving heat transfer efficiency. --- ### 3. Application Use Cases * **Networking Hardware:** Routers, switches, and high-speed modems. * **Embedded Systems:** Industrial PCs and automation controllers. * **Power Electronics:** Voltage regulators and power converters that generate localized hotspots. --- ### 4. Thermal Performance Data *Measured in °C/W (Lower is better)* | Air Velocity (LFM) | 100 | 200 | 300 | 400 | 500 | | :--- | :--- | :--- | :--- | :--- | :--- | | **Unducted Flow** | 5.43 | 2.62 | 2.11 | 1.84 | 1.66 | | **Ducted Flow** | 2.45 | 1.84 | 1.58 | 1.43 | 1.32 |
    ✨ Follow-up Questions
    • ⤷ What is the difference between ducted and unducted flow for this heat sink?
    • ⤷ How do I calculate the required hole pattern on my PCB for the pushPIN attachment?
    • ⤷ Are there alternative finishes to 'Blue Anodized' for specific environmental requirements?