전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-15B-41-C2-R0

  • AI
    ## Overview: ATS-15B-41-C2-R0 The **ATS-15B-41-C2-R0** is a specific high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "Blue" push-pin heat sink series, designed for cooling integrated circuits (ICs) and other electronic surface-mount components. --- ### 1. Technical Specifications Below are the primary physical and thermal characteristics of the component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum 6063 | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic) | | **Spring Type** | Compression Spring | | **Thermal Resistance** | 10.02°C/W (Unducted Flow) | | **Dimensions (L x W)** | 45mm x 45mm | | **Height** | 22.86mm | | **Fin Pattern** | Straight Fin | --- ### 2. Electronic Application & Usage This part is categorized under **Board Level Thermal Management**. Its primary role is to dissipate heat generated by semiconductors to prevent thermal throttling or hardware failure. * **Target Components:** High-speed CPUs, GPUs, FPGAs, and ASICs. * **Mounting System:** The "Push-Pin" mechanism allows for secure attachment to a Printed Circuit Board (PCB) without the need for adhesive tape. This ensures high pressure for better thermal contact. * **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T766**, a high-performance phase-change material that fills microscopic air gaps between the heat sink and the chip. --- ### 3. Key Electronic Benefits 1. **Passive Cooling:** Works by increasing the surface area of the heat-generating component, allowing air to carry away heat more efficiently. 2. **High Reliability:** Because it uses mechanical push-pins and springs, it is less likely to detach due to vibration or thermal cycling compared to adhesive-only solutions. 3. **Cross-Cut Design:** Many ATS models (including the B-41 series) feature fin geometries that allow for omnidirectional airflow, meaning it performs well regardless of which direction the system fan blows. --- ### 4. Part Number Breakdown * **ATS:** Advanced Thermal Solutions (Manufacturer) * **15B:** Series designator (High performance) * **41:** Dimension/Fin configuration code * **C2:** Material/Finish code (Blue Anodized) * **R0:** Revision/Packaging status
    ✨ Follow-up Questions
    • ⤷ What is the hole-to-hole spacing required on the PCB for this heat sink?
    • ⤷ How does the T766 thermal interface material compare to standard thermal paste?
    • ⤷ Are there alternative mounting options if push-pins are not compatible with my PCB?