전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-16B-182-C2-R0

  • AI
    The **ATS-16B-182-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed for high-efficiency cooling in constrained spaces. --- ## 1. Technical Specifications The following table outlines the physical and thermal properties of this specific part: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Material** | Aluminum (Blue Anodized) | | **Dimensions (L x W x H)** | 54.00mm x 59.00mm x 15.00mm | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Thermal Resistance** | 7.51°C/W (at 1.0 m/s airflow) | | **Flow Direction** | Directional (Optimized for specific air paths) | | **Base Finish** | Pre-applied Phase Change Material (Thermal Interface) | --- ## 2. Key Electronic Components & Design ### A. The maxiFLOW™ Fin Geometry The "B" in the part number indicates the maxiFLOW™ profile. Unlike standard square fins, these fins are tapered and spaced to reduce pressure drop while maximizing surface area. This is critical for cooling high-power processors (CPUs) or ASICs where airflow may be limited by other components. ### B. pushPIN™ Attachment System The **-R0** suffix denotes the mounting hardware. The pushPIN™ system uses a flexible, spring-loaded mechanism that: * Ensures consistent pressure (clamping force) across the electronic chip. * Prevents damage to the PCB (Printed Circuit Board). * Is available in various spring tensions to meet specific shock and vibration requirements. ### C. Thermal Interface Material (TIM) The **-C2** part of the code indicates the thermal interface material. * It comes with **T766** pre-applied. * This is a high-performance phase-change material that melts during operation to fill microscopic air gaps between the chip and the heat sink, significantly lowering thermal impedance. --- ## 3. Common Applications This heat sink is typically found in high-reliability electronic environments, including: 1. **Telecommunications:** Cooling of high-speed networking switches and routers. 2. **Embedded Computing:** Industrial motherboards where space is tight but heat output is high. 3. **Power Electronics:** Cooling MOSFETs or power modules in DC-DC converters.
    ✨ Follow-up Questions
    • ⤷ What is the thermal resistance of this part at different airflow speeds (LFM)?
    • ⤷ How does the pushPIN mounting system compare to standard adhesive backing?
    • ⤷ Is the T766 thermal interface material electrically conductive?