전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-16B-83-C2-R0

  • AI
    The **ATS-16B-83-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" attachment series designed for cooling integrated circuits (ICs). --- ### 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Base Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push Pin (with Springs) | | **Thermal Resistance** | 1.60°C/W (at 100 LFM) | | **Dimensions** | 30mm x 30mm x 30mm | --- ### 2. Physical Design and Construction The part is engineered for maximum heat dissipation within a compact footprint. * **Fin Style:** It utilizes a **Cross-Cut** fin pattern. This design allows for airflow from multiple directions, making it more versatile in systems where air direction might fluctuate. * **Material:** Made from **AL6063**, an aluminum alloy known for high thermal conductivity and structural integrity. * **Finish:** The **Blue Anodized** coating is not just aesthetic; it provides surface protection against corrosion and slightly increases emissivity for better radiant heat transfer. --- ### 3. Attachment Mechanism: Push Pins One of the defining features of the `C2-R0` variant is the attachment system: 1. **Push Pin:** The part uses specialized pins (usually brass or plastic) that snap into pre-drilled holes on the Printed Circuit Board (PCB). 2. **Springs:** Compression springs (often stainless steel) provide precise and consistent pressure on the component (CPU/GPU/Chipset), ensuring an optimal thermal interface without cracking the die. 3. **TIM (Thermal Interface Material):** This specific model typically comes with **T766** pre-applied, which is a high-performance thermal phase-change material or grease. --- ### 4. Part Number Decoder Understanding the "ATS-16B-83-C2-R0" nomenclature: | Segment | Meaning | | :--- | :--- | | **ATS** | Advanced Thermal Solutions (Brand) | | **16** | Series Type | | **B** | Component attachment style | | **83** | Specific dimensions/design iteration | | **C2** | Color/Finish (Blue Anodized) | | **R0** | RoHS Compliant / Revision code | --- ### 5. Typical Applications * **Embedded Systems:** Cooling high-speed processors in industrial PCs. * **Telecommunications:** Managing heat in routers and switches. * **Power Supplies:** Heat dissipation for MOSFETs or power regulators.
    ✨ Follow-up Questions
    • ⤷What is the difference between push-pin and clip-on heat sink attachments?
    • ⤷ How does 'LFM' affect the thermal resistance of this heat sink?
    • ⤷ Can the pre-applied TIM be replaced with third-party thermal paste?