전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-16F-152-C2-R0

  • AI
    The **ATS-16F-152-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Heat Sink** designed for electronic cooling applications. Below is a detailed breakdown of its specifications and electronic integration characteristics. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions Inc. | | **Series** | pushPIN™ | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic/Brass) | | **Thermal Resistance** | 3.32°C/W (at 100 LFM) | | **Dimensions** | 35mm x 35mm x 25mm | | **Base Shape** | Square | --- ### 2. Design and Component Characteristics #### A. Fin Geometry (Fine Pitch) The part uses a **Straight Fin** design. This is optimized for electronic environments where airflow is directed through a specific channel. The 25mm height provides a larger surface area for heat dissipation compared to low-profile variants. #### B. The pushPIN™ Attachment System Instead of using messy thermal adhesives or tapes, this component uses a mechanical **Push-Pin** system. * **Compression Spring:** Ensures a consistent "clamping force" on the electronic chip (IC). * **Reliability:** Reduces the risk of the heat sink falling off due to vibration or thermal expansion. #### C. Thermal Interface Material (TIM) The "R0" suffix typically indicates that the part comes with a **pre-applied thermal interface material**. This is a phase-change or pad-based material that fills the microscopic air gaps between the semiconductor die and the aluminum base, significantly lowering thermal resistance. --- ### 3. Electronic Application Use-Cases This heat sink is sized for medium-power electronic components, including: 1. **Microprocessors/FPGAs:** Cooling central processing units in embedded systems. 2. **Power Converters:** Managing heat in DC-DC converters or high-speed switching power supplies. 3. **Network Switches:** Cooling high-traffic ASICs in telecommunications equipment. --- ### 4. Thermal Performance Comparison Thermal resistance (measured in °C/W) determines how well the part moves heat away from the electronics. | Airflow Velocity (LFM) | Thermal Resistance (°C/W) | | :--- | :--- | | 100 (Natural Conv.) | 3.32 | | 200 | 2.06 | | 300 | 1.69 | | 500 | 1.34 | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Blue Anodized and other finishes for heat sinks?
    • ⤷ How do I calculate the required airflow for this specific heat sink?
    • ⤷ Can this heat sink be used with a custom clip instead of push-pins?