전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-16F-17-C2-R0

  • AI
    ## Technical Analysis of ATS-16F-17-C2-R0 The **ATS-16F-17-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series, designed for efficient cooling of electronic components like CPUs, GPUs, or power transistors. --- ### 1. Key Technical Specifications Below are the primary physical and thermal characteristics of this part: | Parameter | Specification | | :--- | :--- | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Dimensions** | 54.00mm x 54.00mm | | **Height** | 12.70mm | | **Thermal Resistance** | 15.44°C/W (Unducted) | | **Fin Pitch** | XCUT (Cross-cut) | | **Compliance** | RoHS and REACH Compliant | --- ### 2. Design and Component Breakdown #### A. The Heat Sink Body * **Fin Style (XCUT):** The "XCUT" geometry features a cross-cut pattern. This allows for multi-directional airflow, making it ideal for systems where air direction might change or where space is constrained. * **Material (Aluminum 6063):** Chosen for its excellent thermal conductivity and lightweight properties. * **Finish (Blue Anodized):** The anodized coating increases corrosion resistance and emissivity, slightly improving radiant heat transfer. #### B. The pushPIN™ Attachment System This part uses a specialized mounting mechanism rather than thermal tape: * **Plastic Push Pins:** These snap into pre-drilled holes in the PCB. * **Stainless Steel Springs:** Provide a precise, consistent "Compression Force" to ensure the heat sink remains in firm contact with the component. * **Ease of Assembly:** It allows for quick installation and removal without the need for tools. #### C. Thermal Interface Material (TIM) The "R0" at the end of the part number typically indicates that the part comes with a **pre-applied Thermal Interface Material** (usually a high-performance phase-change material or grease). This ensures maximum heat transfer from the chip to the aluminum base. --- ### 3. Thermal Performance Metrics The effectiveness of this heat sink depends on the airflow (LFM - Linear Feet per Minute): * **100 LFM (0.5 m/s):** 15.44 °C/W * **400 LFM (2.0 m/s):** 2.28 °C/W * **700 LFM (3.5 m/s):** 1.48 °C/W *Note: A lower °C/W value indicates better cooling performance.* --- ### 4. Applications * **Computing:** Northbridge/Southbridge chipsets. * **Networking:** Routers, switches, and high-speed modems. * **Power Electronics:** Cooling for MOSFETs or Voltage Regulators. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between XCUT and straight fin designs in heat sinks?
    • ⤷ How do I calculate if the 12.7mm height is sufficient for my PCB clearance?
    • ⤷ Can the pushPIN mechanism be reused if the heat sink is removed?