ATS-18A-75-C3-R0
AI

The **ATS-18A-75-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs through convection.
---
### 1. Technical Specifications
The following table highlights the primary physical and thermal characteristics of this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Fin Style** | Straight (maxiFLOW™ design) |
| **Attachment Method** | pushPIN™ (Brass pins / Plastic pins) |
| **Thermal Resistance** | 5.37°C/W (at 200 LFM) |
| **Dimensions (L x W)** | 25mm x 25mm |
| **Height** | 10mm |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature to identify its features:
* **ATS-18A**: Refers to the series and specific internal revision code.
* **75**: Denotes the specific thermal performance and size profile within that series.
* **C3**: Indicates the **Thermal Interface Material (TIM)**. In this case, it usually refers to **Phase Change Material (PCM)** or high-performance thermal grease pre-applied to the base.
* **R0**: Refers to the packaging and revision status (RoHS compliant).
---
### 3. Key Features
* **maxiFLOW™ Geometry:** The heat sink features a tapered fin design that increases surface area and improves airflow intake, which is critical for high-density PCB layouts.
* **pushPIN™ Attachment:** This model uses a tool-free push-pin system with a compression spring. This ensures even pressure across the component for optimal heat transfer and prevents damage during mechanical vibration.
* **Pre-Applied TIM:** It comes with a pre-applied thermal pad/grease, reducing assembly time and ensuring a consistent thermal bond between the heat sink and the chip.
---
### 4. Application Use Cases
This part is typically used in space-constrained environments where high-power components generate significant heat:
1. **Telecommunications:** Network routers and high-speed switches.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Electronics:** Voltage regulators and power modules.
- ⤷
What are the different push-pin material options for this series?
- ⤷ How does the thermal resistance change at higher airflow (LFM) levels?
- ⤷ What is the recommended hole diameter for the pushPIN attachment?