전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-18A-96-C2-R0

  • AI
    The **ATS-18A-96-C2-R0** is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push-pin" attachment series designed for efficient thermal management of electronic components like CPUs, GPUs, and FPGAs. --- ## Technical Specifications | Feature | Details | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic or Brass) | | **Thermal Resistance** | 5.63°C/W @ 100 LFM (Linear Feet per Minute) | | **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 35.00mm | | **Fin Style** | Straight Fin | | **Thermal Interface Material** | T766 (Pre-applied) | --- ## Key Components and Features ### 1. Thermal Design The unit features a **Straight Fin** design. This is optimized for high-airflow environments where the air moves in a consistent direction. The height of 35mm provides a large surface area relative to its 40x40 footprint, allowing for high heat dissipation. ### 2. Attachment Mechanism: Push-Pins Unlike adhesive-based heat sinks, the `-R0` series uses a mechanical **Push-Pin** system: * **Compression Springs:** Ensure even pressure across the component surface, improving thermal transfer. * **Reliability:** Mechanical fastening is more durable than tape in high-vibration or high-temperature environments. ### 3. Thermal Interface Material (TIM) The part comes with **T766** pre-applied to the base. This is a high-performance phase-change material that fills microscopic air gaps between the component and the heat sink to maximize heat flow. ### 4. Finish and Durability The **Blue Anodized** coating is not just for aesthetics; it increases the surface emissivity and protects the aluminum from corrosion and electrical conductivity issues. --- ## Applications This specific heat sink is typically used for: * **Networking Equipment:** Routers and switches. * **Embedded Systems:** Industrial PCs and controllers. * **Telecommunications:** Base stations and signal processing units.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 5.63°C/W thermal resistance rating?
    • ⤷ How do I determine the correct hole pattern on a PCB for this push-pin heat sink?
    • ⤷ Can the pre-applied T766 thermal material be replaced with standard thermal paste?