전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-18B-207-C2-R0

  • AI
    The **ATS-18B-207-C2-R0** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the "push-pin" series designed for cooling electronic components such as BGA (Ball Grid Array) chips, CPUs, and GPUs. --- ## 1. Technical Specifications Below are the primary physical and thermal characteristics of the component: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Material** | Aluminum (Blue Anodized) | | **Dimensions** | 54.00mm x 54.00mm | | **Height (Off Base)** | 25.00mm | | **Attachment Method** | Push-Pin (Brass) | | **Thermal Resistance** | 6.39°C/W @ (Natural Convection) | | **Fin Style** | Straight Fin | | **Thermal Interface** | T766 (Pre-applied Phase Change Material) | --- ## 2. Key Electronic & Mechanical Features ### A. Attachment System (Push-Pins) The "R0" suffix often refers to the specific mounting hardware. This model utilizes **Brass Push-Pins** with compression springs. This system provides: * **Constant Pressure:** Ensures the heat sink stays firmly in contact with the semiconductor, maximizing heat transfer. * **Reliability:** Unlike adhesive tapes, push-pins are mechanically secure and vibration-resistant. ### B. Thermal Interface Material (TIM) The unit comes with **T766** pre-applied to the base. * This is a "Phase Change" material. * When the electronic part reaches operating temperature, the material softens to fill microscopic air gaps between the chip and the aluminum, significantly lowering thermal resistance. ### C. Thermal Performance (Airflow) The performance varies based on the airflow provided by the system fans: | Airflow Velocity (LFM) | Thermal Resistance (°C/W) | | :--- | :--- | | 200 (1.0 m/s) | 1.86 | | 400 (2.0 m/s) | 1.19 | | 600 (3.0 m/s) | 0.94 | --- ## 3. Application Use-Cases This specific heat sink is typically used for: 1. **Network Switches/Routers:** High-speed processing chips that generate significant heat. 2. **FPGA/ASIC Cooling:** Custom integrated circuits that require stable thermal environments. 3. **Industrial PCs:** Where mechanical mounting (push-pins) is preferred over adhesives for longevity.
    ✨ Follow-up Questions
    • ⤷ What is the hole-to-hole mounting distance required for this heat sink on a PCB?
    • ⤷ Can the T766 thermal interface material be replaced with standard thermal paste?
    • ⤷ What is the difference between the C2 and C1 versions of this series?