ATS-18B-22-C2-R0
AI

## Technical Overview: ATS-18B-22-C2-R0
The **ATS-18B-22-C2-R0** is a high-performance **Heat Sink** assembly designed by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, which is engineered to provide low thermal resistance and maximized surface area for cooling electronic components.
---
### 1. Component Specifications
Below are the primary mechanical and thermal specifications for this part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Black Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Dimensions (L x W x H)** | 58.42mm x 39.60mm x 22.86mm |
| **Thermal Resistance** | 1.90°C/W @ 200 LFM |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Electronic Features
#### A. Thermal Management (Convection Cooling)
The core purpose of this part is to dissipate heat from surface-mount components like CPUs, FPGAs, or GPUs. The "maxiFLOW" design uses a **flared fin structure**, which increases the surface area for air contact while maintaining a low pressure drop.
#### B. pushPIN™ Attachment System
Unlike adhesive-based heat sinks, the ATS-18B-22-C2-R0 uses a mechanical **pushPIN™** system:
* **Spring Mechanism:** Provides a consistent, precise pressure (load) on the electronic component, ensuring optimal contact with the Thermal Interface Material.
* **Reliability:** Mechanical fastening is more vibration-resistant than thermal tape, making it suitable for industrial or telecommunications hardware.
#### C. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied to the base.
* **Function:** It fills microscopic air gaps between the component die and the heat sink base.
* **Efficiency:** T766 is a high-performance phase-change or grease-like material designed for high thermal conductivity.
---
### 3. Application Use Cases
* **Networking Equipment:** Switches and routers where high-velocity airflow is present.
* **Embedded Systems:** Industrial PCs requiring ruggedized cooling solutions.
* **Power Electronics:** Dissipating heat from high-wattage voltage regulators.
---
### 4. Part Number Breakdown (Nomenclature)
```text
ATS - 18 - B - 22 - C2 - R0
| | | | | |
| | | | | +-- Revision Code
| | | | +------- Color/Finish (C2 = Blue/Black Anodized)
| | | +------------ Height (in mm)
| | +----------------- Fin Pitch/Style
| +---------------------- Base Series ID
+---------------------------- Advanced Thermal Solutions
```
- ⤷
What is the difference between the C1 and C2 finish codes in ATS heat sinks?
- ⤷ How does the LFM (Linear Feet per Minute) affect the thermal resistance of this part?
- ⤷ Are there specific PCB hole patterns required for the pushPIN mounting system?