전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-18B-36-C2-R0

  • AI
    The **ATS-18B-36-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is not an active electronic chip (like a CPU), but rather a critical passive mechanical component known as a **Heat Sink**. Specifically, this part belongs to the **maxiFLOW™** series, designed for high-performance thermal management of BGA (Ball Grid Array) components. --- ### 1. Technical Specifications The part number itself encodes the specific dimensions and characteristics of the thermal solution: | Feature | Specification | | :--- | :--- | | **Component Type** | Heat Sink | | **Mounting Method** | pushPIN™ (Spring-loaded pins) | | **Material** | Aluminum (Blue Anodized) | | **Thermal Resistance** | 1.48°C/W @ 200 LFM | | **Dimensions (L x W)** | 36.83mm x 36.83mm | | **Height** | 22.86mm | | **Fin Style** | maxiFLOW (Tapered Fin Design) | --- ### 2. Design and Thermal Performance The "Electronic Parts" aspect of this component focuses on how it interacts with the PCB and the heat-generating semiconductor: * **Tapered Fin Design:** The maxiFLOW™ geometry features a flared fin structure. This increases the surface area for heat dissipation while maintaining a low pressure drop, making it highly efficient in environments with forced air cooling. * **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied. This is the "glue" or pad that sits between the heat sink and the electronic chip to ensure there are no air gaps, maximizing heat transfer. * **Push-Pin Attachment:** Instead of using messy adhesives, this part uses a mechanical push-pin system. This ensures consistent pressure across the chip surface, preventing damage to the silicon die while ensuring optimal thermal contact. --- ### 3. Application Use Cases This part is commonly found in the following electronic systems: 1. **Telecommunications:** High-speed routers and switches. 2. **Embedded Systems:** Industrial PC processors and controllers. 3. **Power Supplies:** Cooling MOSFETs or power regulators. 4. **Networking:** Cooling ASICs and FPGAs that generate significant heat in small form factors. --- ### 4. Part Number Breakdown (Example) * **ATS:** Advanced Thermal Solutions (Manufacturer). * **18:** Series/Sequence identifier. * **36:** Representative of the base size (36mm). * **C2:** Refers to the specific thermal performance/material grade. * **R0:** Revision code or packaging indicator.
    ✨ Follow-up Questions
    • ⤷ What is the difference between pushPIN and adhesive mounting for this heat sink?
    • ⤷ Can this heat sink be used for passive cooling without a fan?
    • ⤷ How do I calculate if the 1.48°C/W thermal resistance is sufficient for my chip?