전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-18D-84-C2-R0

  • AI
    ## Technical Overview of ATS-18D-84-C2-R0 The **ATS-18D-84-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Attachment Method** | Push-Pin (Plastic/Brass) | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Thermal Resistance** | 6.96°C/W (Unducted Flow @ 100 LFM) | | **Dimensions** | 30.00mm x 30.00mm | | **Height** | 25.00mm | --- ### 2. Design and Component Breakdown #### A. Fin Profile (Straight Fin) The "84" in the part number refers to a specific fin configuration. This model uses a **Straight Fin** design, which is optimized for high-performance cooling in environments where the airflow is consistent and directed. #### B. Push-Pin Attachment Mechanism Instead of using messy thermal adhesives or complex bracketry, this part uses the **pushPIN™** system. * **Spring-loaded:** Ensures even pressure across the component surface for maximum heat transfer. * **Easy Installation:** Requires pre-drilled holes in the PCB. #### C. Thermal Interface Material (TIM) The "R0" at the end of the part number indicates the specific type of thermal interface material applied to the base. This model typically comes with **T412** phase-change material or a high-efficiency thermal pad pre-applied, ensuring low thermal resistance between the chip and the aluminum base. --- ### 3. Thermal Performance Metrics Thermal resistance indicates how effectively the part moves heat away from the silicon. Lower values are better. | Airflow Velocity (LFM) | Thermal Resistance (°C/W) | | :--- | :--- | | 100 (0.5 m/s) | 6.96 | | 300 (1.5 m/s) | 2.46 | | 500 (2.5 m/s) | 1.80 | --- ### 4. Application Use Cases * **Embedded Systems:** Cooling microprocessors in industrial controllers. * **Telecommunications:** Dissipating heat from high-speed data chips. * **Power Supplies:** Cooling voltage regulators and power MOSFETs. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a straight fin and a cross-cut fin in thermal management?
    • ⤷ How do I determine if the 30mm x 30mm footprint fits my specific PCB layout?
    • ⤷ What are the advantages of blue anodized finishes on heat sinks?