전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-18F-121-C2-R0

  • AI
    The **ATS-18F-121-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is not an active electronic chip (like a CPU or IC) but rather a **High-Performance Heat Sink** designed for cooling electronic components such as BGA (Ball Grid Array) packages. --- ## 1. Technical Specifications The part number follows a specific nomenclature used by ATS for their "maxiFLOW™" product line. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Product Series** | maxiFLOW™ | | **Base Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded pins) | | **Thermal Resistance** | ~3.95°C/W (at 200 LFM) | | **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 10.00mm | | **Pin/Fin Pattern** | Fine Pitch (Tapered Fin) | --- ## 2. Key Electronic Functionality In electronics, this part serves as a **Passive Cooling Solution**. Its primary roles include: ### Thermal Management The "maxiFLOW™" design features a flared fin structure. Unlike straight-fin heat sinks, this design increases the surface area and creates more turbulence in the airflow, which significantly improves heat dissipation from the semiconductor to the ambient air. ### Mechanical Attachment (pushPIN™) The "R0" suffix indicates the inclusion of the **pushPIN™** attachment system. This is a critical electronic hardware feature that: * Ensures consistent pressure (clamping force) between the heat sink and the chip. * Prevents damage to the solder joints of the BGA during vibration. * Uses a built-in compression spring to maintain contact even as temperatures fluctuate. ### Thermal Interface Material (TIM) The "C2" in the part number typically refers to the type of **Thermal Interface Material** pre-applied to the base. C2 usually denotes a high-performance thermal grease or phase-change pad that minimizes the air gaps between the chip and the heat sink. --- ## 3. Applications This part is commonly found in high-heat electronic environments, such as: * **Networking Gear:** Switches and Routers. * **Embedded Computing:** FPGA and SoC cooling. * **Telecommunications:** Base stations and signal processing units. ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'Blue Anodized' finish in terms of thermal performance?
    • ⤷ How do I calculate if this heat sink is sufficient for a 15W TDP processor?
    • ⤷ What are the specific hole dimensions required on the PCB for the pushPIN™ attachment?