전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-18F-129-C2-R0

  • AI
    The **ATS-18F-129-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure. --- ## 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and thermal characteristics: | Property | Description | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic) | | **Dimension (L x W)** | 54.00 mm x 54.00 mm | | **Height** | 20.00 mm | | **Thermal Resistance** | 2.86°C/W (at 100 LFM) | | **Weight** | ~48.24 grams | --- ## 2. Key Electronic Features ### A. pushPIN™ Attachment System This heat sink utilizes a **push-pin and spring mechanism**. This is critical for electronics because it provides: * **Constant Pressure:** Ensures a tight interface between the heat sink and the electronic component (via thermal interface material). * **Ease of Assembly:** Can be installed manually without complex tools. * **Mechanical Stability:** Protects the solder joints of the underlying chip from vibration and mechanical shock. ### B. Fin Design (Cross-Cut) The "129" series typically features a **cross-cut fin pattern**. In electronic cooling, this is superior to straight fins because: * It allows for **omni-directional airflow**, meaning air can enter from any side. * It creates turbulence, which breaks up the air boundary layer and improves heat transfer efficiency. ### C. Thermal Interface Material (TIM) The "R0" suffix usually indicates the inclusion of a pre-applied **T766 thermal phase change material**. This fills microscopic air gaps between the chip and the heat sink, significantly lowering thermal resistance. --- ## 3. Applications in Electronics This specific size (54mm x 54mm) is commonly used for: * **FPGA Cooling:** High-density programmable logic gates that generate significant heat. * **ASICs:** Application-specific integrated circuits in networking equipment. * **Industrial Power Supplies:** Cooling MOSFETs or IGBTs. * **Embedded Computing:** Cooling processors in fan-assisted enclosures. ---
    ✨ Follow-up Questions
    • ⤷ What are the different push-pin material options available for this series?
    • ⤷ How does the Blue Anodized finish affect the thermal performance compared to raw aluminum?
    • ⤷ What is the recommended hole size on the PCB for the ATS-18F-129-C2-R0?