전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-18F-152-C2-R0

  • AI
    The **ATS-18F-152-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the "blue ice" or high-performance push-pin series designed for cooling localized electronic components. --- ## 1. Technical Specifications Below are the primary physical and thermal characteristics of the component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic) | | **Spring Type** | Compression Spring | | **Thermal Resistance** | 3.32°C/W @ 100 LFM | | **Dimensions (L x W x H)** | 35mm x 35mm x 25mm | | **Fin Style** | Straight Fin | --- ## 2. Component Breakdown ### A. Material and Coating The part is made of **Aluminum 6063**, which offers high thermal conductivity. The **Blue Anodized** coating is not just for aesthetics; it provides surface protection against corrosion and increases thermal emissivity, slightly improving heat dissipation. ### B. The Mounting Mechanism (Push-Pin) The "C2" in the part number indicates the specific hardware used: * **Plastic Push-Pins:** Allows for quick and easy installation into pre-drilled holes on a PCB. * **Compression Springs:** Ensures consistent downward pressure on the component (CPU, GPU, or MOSFET), which is critical for maximizing contact and heat transfer through the thermal interface material (TIM). ### C. Thermal Performance The heat sink is designed for **forced air** environments. Its thermal resistance decreases as airflow (Measured in Linear Feet per Minute - LFM) increases: * **100 LFM:** 3.32°C/W * **200 LFM:** 2.11°C/W * **400 LFM:** 1.57°C/W --- ## 3. Applications This specific size and mounting style are commonly used for: 1. **Processors:** Low-power CPUs or secondary chipsets. 2. **Network Hardware:** Cooling ASICs in switches and routers. 3. **Power Electronics:** Cooling large transistors or power modules. --- ## 4. Part Number Decoding (Example) The part number follows the ATS standard nomenclature: | Segment | Meaning | | :--- | :--- | | **ATS** | Advanced Thermal Solutions | | **18F** | Series/Geometry | | **152** | Specific Fin Pattern/Height Code | | **C2** | Hardware Kit (Push-Pin + Spring) | | **R0** | RoHS Compliant Version |
    ✨ Follow-up Questions
    • ⤷What type of thermal interface material (TIM) is recommended for this heat sink?
    • ⤷ How do I calculate if the 35mm footprint fits my specific PCB layout?
    • ⤷ What are the alternatives to push-pin mounting for this size of heat sink?