전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-19F-192-C2-R0

  • AI
    The **ATS-19F-192-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Push-Pin Heat Sink**. It is designed to cool electronic components like CPUs, GPUs, or FPGAs on a Printed Circuit Board (PCB). --- ### 1. Technical Specifications The following table outlines the key physical and thermal characteristics of this part: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions Inc. | | **Series** | pushPIN™ | | **Material** | Aluminum (Blue Anodized) | | **Attachment Method** | Push-Pin (Plastic/Brass) | | **Dimensions (L x W x H)** | 45mm x 45mm x 35mm | | **Thermal Resistance** | 2.35°C/W (at 1.0 m/s airflow) | | **Fin Type** | Straight Fin | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | --- ### 2. Breakdown of the Part Number Understanding the nomenclature helps identify the specific features of the heat sink: * **ATS**: Manufacturer (Advanced Thermal Solutions). * **19F**: Refers to the specific series and fin configuration. * **192**: Specific dimensional code for length and width (45mm x 45mm). * **C2**: Indicates the material/finish (Aluminum with Blue Anodized finish). * **R0**: Revision or packaging code. --- ### 3. Key Electronic Functions The ATS-19F-192-C2-R0 serves several critical roles in an electronic assembly: #### A. Heat Dissipation It increases the surface area of a heat-generating component. The **straight fin design** allows for efficient vertical and horizontal airflow, which is critical for maintaining stable operating temperatures in high-density electronic enclosures. #### B. Mechanical Attachment (Push-Pin) Unlike adhesive-based heat sinks, this model uses a **spring-loaded push-pin** mechanism. This provides: * **Consistent Pressure:** Ensures the Thermal Interface Material (TIM) is compressed evenly against the chip. * **Vibration Resistance:** Securely holds the heat sink in place even in mobile or industrial environments. #### C. Thermal Interface Material (TIM) The unit comes with **T766** pre-applied to the base. This is a phase-change or high-conductivity material that fills microscopic air gaps between the electronic component and the heat sink base, significantly reducing thermal impedance. --- ### 4. Typical Applications * **Telecommunications:** Cooling routers and switches. * **Computing:** Secondary cooling for chipsets and power regulators. * **Industrial:** High-heat power modules in automation controllers.
    ✨ Follow-up Questions
    • ⤷ What are the PCB hole requirements for the push-pin mounting of this heat sink?
    • ⤷ How does the T766 thermal material compare to standard thermal grease?
    • ⤷ Can this heat sink be used with active cooling fans?