전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-19F-58-C2-R0

  • AI
    The **ATS-19F-58-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors. --- ### 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) | | **Series** | pushPIN™ | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic or Brass) | | **Dimensions (LxWxH)** | 40mm x 40mm x 15mm | | **Thermal Resistance** | 10.11°C/W (at 100 LFM) | | **Airflow Pattern** | Straight Fin | --- ### 2. Physical Design & Construction The device utilizes several engineering features to optimize cooling efficiency: * **Fin Style:** It features **straight fins**, which are ideal for applications where there is a clear, directional airflow provided by a fan (forced convection). * **Material Choice:** Made from **Aluminum 6063**, which offers a high thermal conductivity-to-weight ratio, ensuring the component doesn't add excessive mass to the PCB. * **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T766**, a high-performance thermal phase-change material that ensures a tight thermal bond between the heat source and the sink. --- ### 3. Mounting System (pushPIN™) The **"19F"** and **"C2"** designations refer to the mounting and spring hardware. 1. **Push-Pins:** This allows for a secure, tool-less attachment to the PCB through pre-drilled holes. 2. **Compression Springs:** These ensure constant, uniform pressure on the electronic chip, which prevents the heat sink from shifting and maintains optimal thermal contact. --- ### 4. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **ATS** | Manufacturer (Advanced Thermal Solutions) | | **19F** | Series/Mounting Style (pushPIN™) | | **58** | Size/Footprint Code (40mm x 40mm) | | **C2** | Thermal Performance/Height Code (15mm Height) | | **R0** | RoHS Compliant / Revision code | ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'Blue Anodized' finish in terms of thermal performance?
    • ⤷ How do I calculate if the 10.11°C/W thermal resistance is sufficient for my specific processor?
    • ⤷ Can this heat sink be used with a custom clip instead of the provided push-pins?