전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-20D-08-C2-R0

  • AI
    The **ATS-20D-08-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from electronic components like BGA (Ball Grid Array) packages. --- ## 1. Technical Specifications The following table summarizes the primary physical and thermal characteristics of this specific part: | Characteristic | Specification | | :--- | :--- | | **Material** | Aluminum (Blue Anodized) | | **Dimensions (L x W)** | 45.00 mm x 45.00 mm | | **Height** | 22.86 mm | | **Thermal Resistance** | 3.30°C/W @ 200 LFM | | **Attachment Method** | pushPIN™ (Spring-loaded pins) | | **Orientation** | High-performance fin patterns (Tapered) | --- ## 2. Component Analysis ### A. Material and Coating * **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties. * **Blue Anodized Finish:** This is not just aesthetic; the anodization protects the aluminum from corrosion and slightly increases the surface emissivity, aiding in heat radiation. ### B. Fin Geometry (maxiFLOW™) Unlike standard straight-fin heat sinks, the "D" in the part number often signifies a specific fin orientation or density. The **maxiFLOW™** design features a spread-fin geometry that: 1. Reduces pressure drop across the heat sink. 2. Increases air turbulence to enhance heat transfer away from the base. 3. Maximizes the surface area available for cooling. ### C. Mounting Mechanism: pushPIN™ The **R0** suffix typically refers to the mounting hardware package. * **Hardware:** It uses a push-pin and brass spring mechanism. * **Benefits:** This ensures consistent pressure (clamping force) between the heat sink and the electronic component (CPU/GPU/FPGA), which is critical for maximizing the effectiveness of the Thermal Interface Material (TIM). --- ## 3. Application Context This part is commonly found in industrial and high-reliability electronics, including: * **Telecommunications:** Cooling of high-speed processors in routers and switches. * **Embedded Systems:** High-performance computing modules. * **Power Electronics:** Dissipating heat from MOSFETs or IGBT modules. ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'C2' designation in the ATS part numbering system?
    • ⤷ How does the pushPIN mounting system compare to adhesive thermal tape?
    • ⤷ What is the recommended Thermal Interface Material (TIM) for this heat sink?