전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-20F-03-C2-R0

  • AI
    The **ATS-20F-03-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions Inc.* Below is a detailed breakdown of its electronic and physical specifications. ### 1. Product Overview This part belongs to the **blueICE™** and **pushPIN™** series. It is designed for cooling electronic components such as CPUs, GPUs, or power transistors that generate significant heat during operation. --- ### 2. Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) | | **Base Part Number** | ATS-20F-03-C2-R0 | | **Type** | Top Mount Heat Sink | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Thermal Resistance** | 15.85°C/W (Unducted Flow @ 100 LFM) | --- ### 3. Physical Dimensions Precision sizing is critical for ensuring the component fits within the PCB layout without interfering with other surface-mount devices (SMDs). * **Length (A):** 40.00 mm * **Width (B):** 40.00 mm * **Height (C):** 15.00 mm * **Pitch (E):** 33.00 mm (Distance between attachment holes) --- ### 4. Key Electronic Cooling Features * **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied. This is a phase-change material that fills microscopic air gaps between the heat source and the sink to maximize heat transfer. * **Fin Design:** It utilizes a **Fine Pitch** fin pattern, which increases the surface area for heat dissipation, making it ideal for systems with high-velocity airflow. * **Spring-Loaded Attachment:** The "pushPIN™" system ensures constant, uniform pressure across the component surface, preventing "hot spots" caused by uneven contact. --- ### 5. Application Code Structure The part number can be decoded as follows: | Segment | Meaning | | :--- | :--- | | **ATS-20** | Series and specific geometry | | **F** | Fine pitch fin configuration | | **03** | Specific dimensions/height code | | **C2** | Material/Finish (Aluminum / Blue Anodized) | | **R0** | Revision or Packaging code |
    ✨ Follow-up Questions
    • ⤷ What are the airflow requirements for optimal cooling with this heat sink?
    • ⤷ How do I calculate the thermal resistance for my specific PCB environment?
    • ⤷ Are there alternative attachment methods if my PCB doesn't have pushPIN holes?