전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-20F-06-C2-R0

  • AI
    The **ATS-20F-06-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from surface-mount components like BGA, FPGA, and processors. --- ### 1. Technical Specifications The part number encodes specific physical and thermal characteristics: | Parameter | Specification | | :--- | :--- | | **Component Type** | Passive Heat Sink | | **Series** | maxiFLOW™ | | **Material** | Aluminum (Blue Anodized) | | **Dimensions (L x W)** | 45.00 mm x 45.00 mm | | **Height** | 25.00 mm | | **Attachment Method** | pushPIN™ (Spring-loaded pins) | | **Thermal Resistance** | ~2.01°C/W (at 200 LFM) | | **Thermal Interface (TIM)** | T766 (High performance) | --- ### 2. Key Electronic Features #### A. The maxiFLOW™ Design The "F" in the part number indicates the maxiFLOW™ fin geometry. Unlike standard straight-fin heat sinks, these feature a **flared fin** design. This increases the surface area and maximizes airflow ingestion, significantly reducing the junction temperature of the semiconductor it is cooling. #### B. pushPIN™ Attachment This model uses the **pushPIN™** system, which is critical for electronic PCB assembly: * **Precision:** Ensures uniform pressure across the component for optimal heat transfer. * **Security:** Provides a secure mechanical connection that can withstand vibration and shock. * **Compatibility:** Designed for specific hole patterns in the PCB, reducing the risk of accidental detachment compared to adhesive tapes. #### C. Thermal Interface Material (TIM) The "C2" suffix indicates the inclusion of a pre-applied **T766 thermal interface material**. This is a phase-change or high-conductivity material that fills microscopic air gaps between the chip surface and the heat sink base, ensuring maximum heat conduction. --- ### 3. Usage Context This part is typically used in industrial and high-speed computing environments where components are densely packed. * **Primary Goal:** To prevent "Thermal Throttling" or hardware failure in high-power chips. * **Airflow Requirement:** It is designed for forced-air cooling (fan-driven) environments. Its efficiency increases as the Linear Feet per Minute (LFM) of airflow increases.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the correct hole diameter for the pushPIN attachment?
    • ⤷ What is the difference between the C1
    • ⤷ C2
    • ⤷ and C3 suffixes in ATS part numbers?
    • ⤷ Can this heat sink be used with a custom thermal pad instead of the pre-applied T766?