전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-20F-22-C2-R0

  • AI
    The **ATS-20F-22-C2-R0** is a specific electronic component belonging to the thermal management category. It is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). --- ## Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Heat Sink Type** | Push Pin | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Dimensions (L x W x H)** | 60.00mm x 60.00mm x 12.70mm | | **Fin Type** | Fine Pitch | | **Fin Pattern** | XCUT | | **Attachment Method** | Push Pin (with Spring) | --- ## Breakdown of Key Features ### 1. pushPIN™ Attachment System The part uses a specialized "push pin" mechanism. This allows for a fast and secure attachment to the Printed Circuit Board (PCB). It typically includes: * **Flexible Springs:** Provide the necessary pressure (Pre-assembled) to ensure high thermal performance. * **Brass/Plastic Pins:** Used to lock the heat sink into pre-drilled holes on the PCB. ### 2. XCUT Geometry The "XCUT" design refers to the fin pattern. Unlike standard straight fins, XCUT patterns are designed to: * Increase surface area for better heat dissipation. * Allow for multi-directional airflow, making it less dependent on the direction of the fan. ### 3. Thermal Interface Material (TIM) This specific model usually comes with **T412** thermal tape or a pre-applied phase-change material. This fills the microscopic air gaps between the component (CPU/GPU/Power chip) and the heat sink, significantly lowering thermal resistance. ### 4. Blue Anodized Finish The blue coating is not just for aesthetics; it provides: * **Corrosion Resistance:** Protects the aluminum from oxidation. * **Electrical Insulation:** Adds a layer of non-conductivity to the surface. * **Emissivity:** Slightly improves heat radiation. --- ## Typical Applications * **Field Programmable Gate Arrays (FPGAs)** * **Application-Specific Integrated Circuits (ASICs)** * **Network Switches and Routers** * **Power Supplies**
    ✨ Follow-up Questions
    • ⤷ What are the different push pin material options for this series?
    • ⤷ How do I calculate the thermal resistance for this specific heat sink?
    • ⤷ Are there CAD models available for the ATS-20F-22-C2-R0?