ATS-21D-101-C2-R0
AI

The **ATS-21D-101-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Heat Sink** designed for cooling electronic components like CPUs, GPUs, or power modules.
---
### 1. Technical Specifications
This part belongs to the **maxiFLOW™** series, which features a low-profile, high-performance fin geometry.
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Part Number** | ATS-21D-101-C2-R0 |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Brass pins / Steel springs) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 30mm |
| **Thermal Resistance** | 6.67°C/W (Unducted Flow @ 200 LFM) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Key Electronic Components & Design
The "electronic" nature of this part refers to its physical integration into a PCB assembly.
* **Fin Design (maxiFLOW™):** The spread-fin design increases surface area and creates turbulence, which maximizes heat dissipation into the surrounding air. This is critical for preventing "thermal throttling" in semiconductors.
* **PushPIN™ Attachment:** The "R0" suffix indicates the mounting hardware. It uses a push-pin mechanism with a specific spring tension to ensure consistent pressure (thermal contact) between the heat sink and the electronic chip.
* **Thermal Interface Material (TIM):** It comes with pre-applied **T766** phase-change material. This fills microscopic air gaps between the component and the heat sink to ensure efficient heat transfer.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps identify the specific electronic requirements:
| Code Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **21D** | Series/Product Family |
| **101** | Specific size and fin configuration |
| **C2** | Color/Finish (Blue Anodized) |
| **R0** | Revision/Hardware Kit (Standard Push-Pin) |
---
### 4. Application in Circuits
This part is typically used in the following electronic environments:
* **Power Supplies:** Cooling MOSFETs or Voltage Regulators.
* **Embedded Systems:** For SOCs (System on Chips) that run at high clock speeds.
* **Telecommunications:** Cooling ASICs in networking switches or routers.
- ⤷
What are the specific hole patterns required on a PCB for this pushPIN mount?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Can this heat sink be used with a custom fan assembly?