ATS-21F-101-C2-R0
AI

The **ATS-21F-101-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of their "push pin" series designed for cooling semiconductor devices like CPUs, GPUs, and FPGAs.
---
### 1. Technical Specifications
Below are the primary mechanical and thermal characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimensions (L x W)** | 40mm x 40mm |
| **Height** | 30mm |
| **Thermal Resistance** | 6.67°C/W (at 200 LFM) |
| **Fin Style** | Straight Fin |
| **Spring Type** | Compression Spring |
---
### 2. Key Components & Materials
#### A. The Heat Sink Body
* **Aluminum Construction:** Aluminum is used for its high thermal conductivity and lightweight properties.
* **Straight Fin Design:** The fins are aligned to provide a clear path for airflow, making it ideal for systems with directional fans (forced air cooling).
* **Blue Anodizing:** This chemical treatment increases corrosion resistance, provides electrical insulation on the surface, and slightly improves emissivity for radiant heat transfer.
#### B. The Attachment System (Push-Pins)
* **Plastic Push-Pins:** These provide a secure, vibration-resistant attachment to the PCB.
* **Compression Springs:** The springs apply a precise amount of downward pressure (load) on the electronic chip, ensuring maximum contact with the thermal interface material without damaging the silicon.
---
### 3. Thermal Interface Material (TIM)
The part number suffix **-C2** typically indicates the type of pre-applied thermal material or the specific kit configuration:
* **Function:** It fills microscopic air gaps between the heat sink base and the electronic component to lower thermal resistance.
* **Standard Type:** Often features **T766** or similar high-performance phase-change material or thermal grease.
---
### 4. Typical Applications
This part is commonly used in the following electronic environments:
1. **Telecommunications:** Cooling of high-speed networking chips.
2. **Industrial PC:** Cooling of embedded processors in rugged environments.
3. **Power Electronics:** Managing heat in power converters and motor drives.
---
### 5. Drawing Reference (Mechanical)
```text
40mm [L]
<---------->
+----------+ ^
| |||||||| | |
| |||||||| | | 40mm [W]
| |||||||| | |
+----------+ v
||
[Push-Pins]
```
- ⤷
What is the significance of the 'R0' suffix in this part number?
- ⤷ How do I calculate if this heat sink is sufficient for a 15W TDP processor?
- ⤷ What is the recommended PCB hole diameter for these push-pins?