ATS-54230D-C2-R0
AI

The **ATS-54230D-C2-R0** is a high-performance thermal management component, specifically a heat sink designed by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, known for its high-efficiency cooling in constrained airflow environments.
---
### Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Black Anodized) |
| **Attachment Method** | Push Pin (Plastic/Brass) |
| **Dimension (L x W x H)** | 42.4mm x 42.4mm x 23mm |
| **Thermal Resistance** | 1.80°C/W (at 200 LFM) |
| **Interface Material** | T766 (Thermal Tape) |
---
### Key Design Features
#### 1. maxiFLOW™ Geometry
The "D" in the part number indicates a specific fin pattern. Unlike traditional straight-fin heat sinks, the maxiFLOW design uses a **tapered fin structure**. This increases the surface area for heat dissipation while maintaining a low pressure drop, making it highly effective for components like CPUs, GPUs, or FPGAs.
#### 2. Material and Coating
* **Aluminum:** Provides a balance between thermal conductivity and weight.
* **Black Anodized Finish:** This is not just aesthetic; an anodized surface increases **emissivity**, allowing for better heat radiation compared to bare aluminum.
#### 3. Attachment (Push Pin)
The `-R0` suffix typically refers to the mounting kit. This model uses a **push-pin mechanism** with a compression spring. This ensures:
* Consistent pressure on the electronic component (Optimal TIM performance).
* Mechanical stability in high-vibration environments.
* Easy installation through pre-drilled holes on the PCB.
---
### Thermal Performance Data
Performance is measured by Thermal Resistance (°C/W). Lower values indicate better cooling.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 1.80 |
| 300 (1.5 m/s) | 1.40 |
| 400 (2.0 m/s) | 1.20 |
| 500 (2.5 m/s) | 1.10 |
---
### Common Applications
Due to its dimensions (approx. 42mm square) and thermal efficiency, it is commonly used for:
* **Networking Equipment:** Switches and Routers.
* **Processing Units:** Mid-range FPGAs (Xilinx/Altera) and ASICs.
* **Industrial PCs:** Where passive or assisted airflow is present.
- ⤷How does the T766 thermal interface material compare to phase-change materials?
- ⤷ What are the PCB hole requirements for the push-pin mounting of this heat sink?
- ⤷ Is there a version of this heat sink with a higher fin height for better performance?