전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-55375D-C1-R0

  • AI
    The **ATS-55375D-C1-R0** is a high-performance heat sink component manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **maxiFLOW™** series, specifically designed for cooling electronic components such as processors, FPGAs, and ASICs where space is limited but thermal demands are high. --- ### 1. Technical Specifications The following table highlights the core physical and thermal properties of the component: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | maxiFLOW™ | | **Material** | Aluminum (Black Anodized) | | **Dimensions (L x W x H)** | 37.00mm x 37.00mm x 9.50mm | | **Attachment Method** | superGRIP™ (Steady pressure clip) | | **Thermal Resistance** | 3.50°C/W @ 200 LFM | | **Shape** | Square, Slanted Fin Design | --- ### 2. Key Electronic Features * **Thermal Management:** The primary electronic function is to dissipate heat from integrated circuits (ICs). By reducing the operating temperature, it prevents **thermal throttling** and extends the MTBF (Mean Time Between Failures) of the semiconductor. * **maxiFLOW™ Design:** The slanted fin geometry increases the surface area and encourages turbulent airflow, which is significantly more efficient than standard straight-fin heat sinks. * **superGRIP™ Attachment:** This is a crucial feature for PCB designers. It uses a high-tension plastic frame and a gold-colored spring clip. * **No Holes Required:** It attaches directly to the component, meaning no holes need to be drilled into the PCB. * **Uniform Pressure:** It applies constant pressure to the Thermal Interface Material (TIM), ensuring optimal heat transfer. --- ### 3. Application Use Cases This specific part is typically found in high-density electronic environments: 1. **Telecommunications:** Cooling network switches and routers. 2. **Data Centers:** Low-profile cooling for blade servers. 3. **Embedded Systems:** High-performance computing modules where vertical clearance is restricted (only 9.5mm high). --- ### 4. Comparison to Standard Heat Sinks ```markdown * Standard Extrusion: Often heavier with less surface area. * ATS-55375D-C1-R0: Lightweight aluminum with a specialized fin profile that maximizes airflow even at low velocities. ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the C1-R0 and other variations in the maxiFLOW series?
    • ⤷ Does this heat sink come with pre-applied Thermal Interface Material (TIM)?
    • ⤷ What are the mechanical clearance requirements for the superGRIP attachment?