ATS-56008-C3-R0
AI

The **ATS-56008-C3-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "maxiFLOW™" series, designed specifically for cooling electronic components such as processors, FPGAs, and ASICs in air-cooled environments.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Black Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Dimensions (L x W x H)** | 56mm x 56mm x 7.62mm |
| **Thermal Resistance** | 2.50° C/W (at 200 LFM) |
| **Flow Pattern** | maxiFLOW (High Performance) |
| **Compliance** | RoHS Technical Compliant |
---
### 2. Key Design Elements
* **maxiFLOW™ Geometry:** The heat sink features a unique spread-fin design. This increases the surface area while reducing pressure drop, allowing for maximum heat dissipation in high-velocity airflow environments.
* **pushPIN™ Attachment:** Instead of messy adhesives or simple clips, this model uses a specialized push-pin system with a built-in compression spring. This ensures:
* Consistent pressure across the thermal interface material (TIM).
* Secure mounting during mechanical vibration or shock.
* **Low Profile:** With a height of only **7.62mm**, it is designed for space-constrained applications like 1U servers, networking switches, or blade modules.
---
### 3. Application Use Cases
The ATS-56008-C3-R0 is typically used for the following electronic parts:
1. **High-End Processors:** Cooling for CPUs in embedded systems.
2. **Network Hardware:** Heat management for high-speed switching chips.
3. **Power Electronics:** Dissipating heat from large MOSFET arrays or power management ICs.
4. **FPGA/ASIC:** Providing thermal stability for custom logic chips that generate localized hotspots.
---
### 4. Mounting Hardware Integration
When integrating this part into a PCB design, the following holes are required:
```markdown
- Required Hole Diameter: 3.175mm (approx.)
- Mounting Pattern: Standard square/rectangular layout matching the 56x56 footprint.
- Recommended TIM: Phase-change material or high-conductivity thermal grease.
```
- ⤷What is the difference between pushPIN and adhesive mounting for this heat sink?
- ⤷ Can this heat sink be used in a passive cooling environment without fans?
- ⤷ What is the specific thermal conductivity of the aluminum alloy used in maxiFLOW series?