전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-57002-C1-R0

  • AI
    The **ATS-57002-C1-R0** is a high-performance heat sink assembly manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "maxiFLOW™" product line, specifically designed to cool electronic components like BGA (Ball Grid Array) packages, CPUs, and GPUs. --- ### 1. Technical Specifications The following table outlines the physical and thermal characteristics of this specific component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (Anodized Blue) | | **Dimensions** | 57mm x 57mm x 24.5mm | | **Thermal Resistance** | 0.80 °C/W @ 200 LFM | | **Attachment Method** | maxiGRIP™ (Frame Clip) | | **Fin Style** | Tapered spreaders (maxiFLOW) | | **Interface Material** | T766 (Thermal Tape) | --- ### 2. Key Electronic Features While the ATS-57002-C1-R0 is a mechanical part, it serves critical electronic functions: #### A. Thermal Management The primary role is **Heat Dissipation**. In high-speed electronics, excessive heat leads to "thermal throttling" or permanent damage. This part ensures that the junction temperature ($T_j$) of the semiconductor stays within safe operating limits. #### B. maxiGRIP™ Attachment System Unlike permanent adhesives or through-hole screws, this part uses a **maxiGRIP™ attachment**: * **Plastic Frame Clip:** A frame is placed around the component. * **Stainless Steel Spring Clip:** Applies steady, even pressure across the chip. * **Advantage:** This allows for thermal expansion and contraction without stressing the solder joints of the BGA package. #### C. Aerodynamic Fin Design (maxiFLOW™) The fins are not just straight bars; they are flared. This design: * Reduces pressure drop. * Increases surface area for convection. * Is optimized for high-velocity airflow environments (server racks, telecommunications). --- ### 3. Typical Applications This component is commonly found in the following electronic systems: 1. **Network Switches/Routers:** Cooling high-throughput ASICs. 2. **Power Supplies:** Managing heat from MOSFETs or IGBTs. 3. **Industrial PCs:** Cooling embedded processors in rugged environments. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the T766 interface material and standard thermal paste?
    • ⤷ Can this heat sink be reused if the electronic component is replaced?
    • ⤷ How does the LFM (Linear Feet per Minute) affect the thermal resistance of this part?