전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-H1-151-C2-R0

  • AI
    The **ATS-H1-151-C2-R0** is a high-performance thermal management component specifically categorized as a **Heat Sink**. It is part of the "Advanced Thermal Solutions" (ATS) push-pin series designed for cooling electronic components like CPUs, GPUs, and other high-heat integrated circuits. --- ### Technical Specifications | Parameter | Specification | |:---|:---| | **Part Number** | ATS-H1-151-C2-R0 | | **Material** | Aluminum (High Thermal Conductivity) | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic/Brass) | | **Fin Style** | Straight Fin | | **Thermal Resistance** | Variable based on Airflow (LFM) | | **Dimensions** | Standardized for specific PCB hole patterns | --- ### Key Components and Design Features #### 1. Heat Sink Body (Aluminum) The core structure is made of aluminum, chosen for its excellent balance between thermal conductivity, weight, and cost. The **Blue Anodized** finish is not just for aesthetics; it provides surface protection against corrosion and increases emissivity for better radiative cooling. #### 2. Fin Geometry This model features a **Straight Fin** design. * **Purpose:** Maximizes surface area contact with the air. * **Airflow:** Optimized for "forced convection" (systems with fans). The vertical gaps allow air to pass through and carry heat away from the base. #### 3. Attachment Mechanism: Push-Pins Unlike adhesive-based heat sinks, the "H1" series uses a mechanical **Push-Pin** system with a compression spring. * **Reliability:** Provides consistent pressure on the processor, ensuring maximum contact with the Thermal Interface Material (TIM). * **Ease of Assembly:** Allows for quick installation and removal without messy glues. #### 4. Thermal Interface Material (TIM) Usually, these parts come with a pre-applied high-performance thermal phase-change material or a thermal pad on the base to fill microscopic air gaps between the heat sink and the chip. --- ### Application Usage These parts are typically found in: * **Telecommunications Equipment:** High-speed routers and switches. * **Embedded Systems:** Industrial PCs and automation controllers. * **Power Electronics:** Voltage regulators and power modules that generate significant waste heat. --- ### Performance Overview (Theoretical) The thermal efficiency of the ATS-H1-151-C2-R0 is measured in **°C/W** (Degrees Celsius per Watt). As the Airflow (Measured in Linear Feet per Minute - LFM) increases, the thermal resistance decreases, allowing the component to remain cooler under heavy workloads.
    ✨ Follow-up Questions
    • ⤷ What are the exact physical dimensions (LxWxH) of this specific heat sink model?
    • ⤷ How does a push-pin attachment compare to a clip-on attachment for thermal performance?
    • ⤷ What is the recommended airflow velocity for optimal cooling with the ATS-H1 series?