전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-P1-124-C2-R0

  • AI
    The **ATS-P1-124-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "pushPIN™" series, designed specifically for cooling electronic components such as CPUs, GPUs, and other high-heat-generating surface-mount devices. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Dimensions** | 50mm x 50mm x 25mm | | **Attachment Method** | pushPIN™ (Spring-loaded pins) | | **Thermal Resistance** | 3.28 °C/W (at 1.0 m/s airflow) | | **Flow Orientation** | Vertical / Omni-directional (Pin Fin) | | **Thermal Interface (TIM)** | T766 (Pre-applied) | --- ### 2. Breakdown of Components #### A. The Heat Sink Body (Aluminum) The body is made of **Aluminum 6063**, which offers high thermal conductivity while remaining lightweight. The blue anodized finish is not just for aesthetics; it provides surface protection against corrosion and increases thermal emissivity. #### B. The Pin Fin Design Unlike traditional straight-fin heat sinks, this model uses a **Pin Fin** structure. - **Improved Airflow:** Pin fins allow air to enter the heat sink from any direction (omni-directional). - **Turbulence:** The circular pins break up laminar airflow, creating turbulence that pulls more heat away from the surface area. #### C. pushPIN™ Attachment System This part uses a specific mechanical mounting system instead of thermal adhesive. - **Spring-loaded Pins:** These ensure a consistent and precise pressure is applied to the electronic component, which optimizes the contact between the chip and the heat sink. - **Durability:** This method is more reliable in high-vibration environments compared to "peel-and-stick" tape. #### D. Thermal Interface Material (TIM) The unit comes with **T766** pre-applied to the base. This is a high-performance thermal pad/grease that fills microscopic air gaps between the component and the heat sink to maximize heat transfer efficiency. --- ### 3. Applications * **Networking Gear:** Switches, routers, and high-speed modems. * **Embedded Systems:** Industrial PCs and automation controllers. * **Power Electronics:** Cooling MOSFETs or power regulators. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between Pin Fin and Straight Fin heat sinks in terms of performance?
    • ⤷ How do I choose the correct spring tension for a pushPIN heat sink?
    • ⤷ Can the T766 thermal interface material be replaced with a different compound?