전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-P1-13-C2-R0

  • AI
    The **ATS-P1-13-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the "maxiFLOW™" product line, designed for cooling high-density electronic components. --- ## 1. Technical Specifications The part number encodes specific physical and thermal characteristics: | Feature | Specification | | :--- | :--- | | **Product Line** | maxiFLOW™ | | **Attachment Method** | pushPIN™ | | **Material** | Aluminum (Blue Anodized Finish) | | **Thermal Resistance (Unducted)** | 13.73 °C/W @ 100 LFM | | **Dimensions (L x W x H)** | 50.00mm x 50.00mm x 15.00mm | | **Pin Configuration** | Fine Pitch (Patterned for airflow efficiency) | --- ## 2. Key Electronic Functions While the heat sink itself does not consume power, it is a critical "passive" component for the following electronic systems: ### A. Thermal Dissipation The main function is to increase the surface area of a semiconductor (like a CPU, FPGA, or GPU), allowing heat to be transferred more efficiently to the surrounding air. This prevents **thermal throttling** or permanent damage to the silicon. ### B. maxiFLOW™ Design The "flared fin" geometry is engineered to maximize airflow and reduce pressure drop. In electronics cooling, this allows for: * Better cooling in constrained spaces. * Reduced noise (as fans can run at lower RPMs due to efficient heat transfer). ### C. pushPIN™ Attachment The "P1" in the part number indicates a specific attachment mechanism. This electronic part utilizes a **push-pin and spring system**, which: * Provides consistent pressure (Pre-load) across the electronic chip. * Ensures maximum contact with the Thermal Interface Material (TIM). * Prevents damage to the PCB through controlled mechanical tension. --- ## 3. Applications This specific part is typically found in: * **Networking Equipment:** Switches and routers where high-speed processors generate significant heat. * **Industrial Power Supplies:** Cooling MOSFETs and power regulators. * **Embedded Systems:** Single-board computers requiring low-profile cooling (15mm height). ---
    ✨ Follow-up Questions
    • ⤷What is the difference between ducted and unducted thermal resistance for this part?
    • ⤷ Does this heat sink come with a pre-applied thermal interface material?
    • ⤷ What are the compatible PCB hole patterns for the pushPIN attachment?