ATS-P1-68-C2-R0
AI

The **ATS-P1-68-C2-R0** is a high-performance heat sink manufactured by Advanced Thermal Solutions (ATS). It is specifically designed for cooling electronic components such as CPUs, GPUs, and other high-power ICs.
### 1. Technical Specifications
The following table highlights the primary mechanical and thermal properties of the unit:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (Al) |
| **Finish** | Blue Anodized |
| **Attachment Method** | push-PIN™ |
| **Thermal Resistance** | 15.31°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 15.00mm |
| **Pitch** | 1.1mm (Variable) |
---
### 2. Design Features
The "P1" designation refers to the **push-PIN™** mounting system, which provides several benefits for electronic assembly:
* **Secure Attachment:** Uses a pre-assembled spring-loaded mechanism to ensure consistent pressure and optimal thermal contact with the component.
* **Thermal Interface Material (TIM):** Typically comes with pre-applied phase-change material or thermal tape (indicated by the suffix code) to facilitate heat transfer.
* **Fin Geometry:** Features a "Straight Fin" design, which is optimized for high-airflow environments where the air moves in a specific direction across the board.
---
### 3. Part Number Decoding
Understanding the nomenclature helps in selecting the correct variant for electronic designs:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **P1** | Attachment style (push-PIN™ with a specific spring rate) |
| **68** | Series or Model number |
| **C2** | Material/Finish (typically indicates Blue Anodized Aluminum) |
| **R0** | Revision or Packaging code |
---
### 4. Implementation in Electronics
When integrating the ATS-P1-68-C2-R0 into a PCB layout, engineers must account for the **hole pattern**. The push-PIN system requires specific mounting holes drilled into the PCB around the component. This ensures the heat sink remains stable during mechanical shocks or vibrations.
- ⤷
What are the recommended PCB hole diameters for the push-PIN attachment?
- ⤷ How does the thermal resistance change at higher airflows (e.g.
- ⤷ 500 LFM)?
- ⤷ Is there a version of this heat sink with a different height for low-profile enclosures?