ATS-P2-06-C1-R0
AI

The **ATS-P2-06-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for cooling electronic components like CPUs, GPUs, and high-heat Integrated Circuits (ICs).
---
## 1. Technical Specifications
The following table highlights the critical mechanical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Heat Sink Type** | Straight Fin / Fine Pitch |
| **Dimensions** | 40mm x 40mm x 10mm |
| **Thermal Resistance** | 24.84 °C/W (at 100 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
## 2. Key Electronic & Mechanical Components
### A. Fin Design
The ATS-P2-06-C1-R0 utilizes a **straight-fin** pattern. This design is optimized for high-performance cooling in environments with a directed airflow (convection). The "Fine Pitch" allows for a larger surface area in a small footprint (40mm x 40mm), which is essential for dissipating heat from sensitive semiconductor junctions.
### B. Attachment Mechanism (pushPIN™)
Instead of using messy adhesives or permanent solder, this part uses a mechanical **pushPIN™** system.
* **Brass Components:** The pins are typically made of brass or plastic.
* **Compression Springs:** These ensure constant pressure between the heat sink and the electronic component, which maximizes thermal transfer efficiency and prevents air gaps.
### C. Thermal Interface Material (TIM)
The "C1" in the part number indicates the presence of **T766 thermal grease**.
* **Purpose:** In electronics, microscopic air gaps between a chip and a heat sink act as insulators. The T766 TIM fills these gaps.
* **Effectiveness:** It provides high thermal conductivity to ensure that heat generated by the silicon die is moved immediately into the aluminum fins.
---
## 3. Application Use Cases
This specific model is frequently found in the following electronic hardware:
1. **Network Switches/Routers:** Cooling the main processing ASIC.
2. **Power Supplies:** Managing heat for MOSFETs or voltage regulators.
3. **Embedded Systems:** Industrial PCs where vertical space is limited (10mm height).
4. **FPGA Boards:** Providing thermal relief for field-programmable gate arrays during high-duty cycles.
---
- ⤷
How does the thermal resistance of this heat sink change at higher airflows (LFM)?
- ⤷ What are the advantages of blue anodized finishes in electronic cooling?
- ⤷ Can the pushPIN mechanism be reused for different PCB thicknesses?