ATS-P2-10-C2-R0
AI

The **ATS-P2-10-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from integrated circuits (ICs), microprocessors, and power components.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 45.00mm x 45.00mm |
| **Height** | 25.00mm |
| **Attachment Method** | Push-Pin (2-pin) |
| **Spring Material** | STS304 (Stainless Steel) |
| **Thermal Interface** | T766 (Pre-applied phase change material) |
---
### 2. Thermal Performance Data
Performance is measured by the thermal resistance ($R_{th}$), indicating how many degrees Celsius the temperature rises per watt of power dissipated ($^\circ C/W$).
* **Low Airflow (200 LFM):** ~5.13 $^\circ C/W$
* **High Airflow (700 LFM):** ~1.57 $^\circ C/W$
---
### 3. Key Electronic Functions
While the heat sink itself is passive (it does not require electricity), its role in an electronic circuit is critical:
* **Thermal Dissipation:** It increases the surface area of a component (like a BGA or FPGA), allowing the ambient air to carry away heat more efficiently.
* **Protection:** It prevents "Thermal Throttling" or permanent hardware failure caused by overheating.
* **The push-pin mechanism:** Provides a consistent "load" or pressure against the chip, ensuring the thermal interface material (TIM) fills all microscopic gaps between the chip and the metal.
---
### 4. Part Number Breakdown (Naming Convention)
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **P2** | Push-Pin Type (2-pin style) |
| **10** | Heat Sink Series/Family |
| **C2** | Thermal Interface Material (T766) & Material Grade |
| **R0** | Revision/Standard Packaging code |
---
- ⤷
What is the difference between blue anodized and black anodized heat sinks?
- ⤷ How do I calculate the required LFM for my specific processor?
- ⤷ Are there alternative mounting methods if my PCB doesn't have holes for push-pins?