ATS-P2-101-C2-R0
AI

The **ATS-P2-101-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically designed for cooling electronic components such as CPUs, GPUs, and other high-power semiconductors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define the dimensions, fin style, and thermal interface material.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Fin Type** | Straight Fin |
| **Mounting Style** | pushPIN™ |
| **Dimensions (L x W x H)** | 45mm x 45mm x 30mm |
| **Thermal Resistance** | 6.67°C/W (at 200 LFM) |
| **Thermal Interface Material** | T766 (High Performance) |
---
### 2. Design and Engineering Features
#### A. pushPIN™ Attachment System
The "P2" in the part number signifies the use of the **pushPIN™** mounting system. This allows for:
* **Ease of installation:** Rapid attachment without specialized tools.
* **Compression Springs:** Provides uniform pressure across the component for better thermal contact.
* **Secure Fit:** Prevents the heat sink from shifting during vibration or shipping.
#### B. Material and Coating
The heat sink is made of **Aluminum**, which offers a balance of lightweight properties and high thermal conductivity. The **Blue Anodized** finish is not just for aesthetics; it provides:
* Corrosion resistance.
* Electrical insulation to a certain degree.
* Enhanced emissivity, slightly improving heat radiation.
#### C. Thermal Interface Material (TIM)
The **T766** pre-applied material ensures that microscopic air gaps between the component surface and the heat sink base are filled, significantly reducing thermal resistance at the contact point.
---
### 3. Performance Characteristics
The thermal performance of this heat sink is dependent on the airflow (measured in Linear Feet per Minute - LFM).
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **100 (0.5 m/s)** | 11.55 |
| **300 (1.5 m/s)** | 4.84 |
| **500 (2.5 m/s)** | 3.59 |
---
### 4. Applications
This specific model is typically used in:
* **Embedded Systems:** Industrial PCs and routers.
* **Power Electronics:** Cooling MOSFETs and power modules.
* **Networking Hardware:** High-speed switches and telecommunications gear.
- ⤷
How do I calculate if this heat sink is sufficient for a 20W TDP processor?
- ⤷ What are the advantages of pushPIN™ over traditional adhesive tape mounting?
- ⤷ Does this model come in different fin heights for low-profile chassis?