전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-P2-11-C2-R0

  • AI
    The **ATS-P2-11-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push-pin" series designed for cooling surface-mount components like BGA (Ball Grid Array) chips. --- ### 1. Technical Specifications The following table outlines the physical and thermal characteristics of this specific part number: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Dimensions** | 50mm x 50mm | | **Height** | 10mm | | **Thermal Resistance** | 6.30°C/W (at 200 LFM) | | **Attachment Method** | Push-Pin (Plastic) | | **Spring Type** | Compression Spring | | **Fin Style** | XC-Cut (Cross-cut) | --- ### 2. Design and Components The part is engineered to maximize surface area and airflow efficiency in tight electronic enclosures. * **XC-Cut Fin Pattern:** The "XC" design features cross-cut fins. Unlike straight-fin heat sinks, this pattern allows for multi-directional airflow, making it ideal for systems where the airflow direction might be inconsistent or obstructed. * **Push-Pin Attachment:** The `P2` designation refers to the attachment mechanism. It uses plastic push-pins and a spring. This provides a precise, reliable "mating force" against the chip, ensuring consistent thermal interface material (TIM) performance. * **Material:** It is made of Aluminum for a balance of high thermal conductivity and low weight. The **Blue Anodized** finish is not just for aesthetics; it provides corrosion resistance and slightly improves thermal emissivity. --- ### 3. Application Use Cases This part is commonly found in the following electronic environments: 1. **Telecommunications:** For cooling networking processors in switches and routers. 2. **Industrial PCs:** High-reliability cooling for CPUs or FPGAs in fan-less or restricted-airflow chassis. 3. **Power Supplies:** Heat dissipation for high-power transistors or voltage regulators. --- ### 4. Part Number Breakdown Understanding the nomenclature helps in selecting variants: | Segment | Meaning | | :--- | :--- | | **ATS** | Manufacturer (Advanced Thermal Solutions) | | **P2** | Attachment Type (Push-Pin + Spring) | | **11** | Specific Heat Sink Geometry/Series | | **C2** | Thermal Performance/Material Grade | | **R0** | Revision/Packaging Code |
    ✨ Follow-up Questions
    • ⤷ What is the difference between XC-Cut and straight-fin heat sinks?
    • ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
    • ⤷ Can this heat sink be used with a thermal pad instead of thermal grease?