ATS-P2-111-C2-R1
AI

The **ATS-P2-111-C2-R1** is a high-performance electronic thermal management component, specifically a **push-pin heat sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs.
---
## 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Dimensions** | 35mm x 35mm x 30mm |
| **Thermal Resistance** | 2.67° C/W (@ 200 LFM) |
| **Fin Pattern** | XC-Cut (Cross-Cut) |
---
## 2. Key Electronic Components & Features
### A. The Heat Sink Body (XC-Cut Design)
The "XC-Cut" refers to the cross-cut fin geometry. This is critical for electronic enclosures where airflow direction may not be consistent.
* **Omnidirectional Airflow:** Unlike straight-fin heat sinks, the cross-cut design allows air to enter from multiple angles, improving cooling efficiency in crowded PCB layouts.
* **Surface Area:** The 30mm height provides a large surface area for heat transfer to the ambient air.
### B. Attachment Mechanism (Push-Pin & Spring)
The part utilizes a mechanical attachment system rather than thermal adhesive:
* **Push-Pins:** Made of brass with a plastic tip that snaps into pre-drilled holes (3.0mm) on the PCB.
* **Springs:** Provides a precise, "Firm-Force" pressure (approximately 20psi) to ensure optimal contact between the heat sink and the electronic chip. This prevents the heat sink from shifting during mechanical shock or vibration.
### C. Thermal Interface Material (TIM)
The "R1" suffix typically indicates that the part comes with a pre-applied **Phase Change Material** or thermal pad.
* **Function:** This fills microscopic air gaps between the component die and the aluminum base, significantly reducing thermal resistance.
---
## 3. Application Use Cases
This specific part is commonly found in the following electronic systems:
1. **Telecommunications:** High-speed routers and switches.
2. **Embedded Computing:** Industrial motherboards and single-board computers (SBCs).
3. **Power Electronics:** Cooling for voltage regulator modules (VRMs).
- ⤷
What are the PCB hole diameter requirements for the ATS-P2-111-C2-R1?
- ⤷ How does 'Blue Anodized' finish affect the thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used with a custom fan attachment?