ATS-P2-115-C2-R0
AI

The **ATS-P2-115-C2-R0** is a specific electronic cooling component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to their "push-pin" series of high-performance heat sinks designed for cooling integrated circuits (ICs), such as CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The part number describes several physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | ~6.45°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 20mm |
| **Fin Style** | Straight Fin |
---
### 2. Electronic/Physical Functionality
While this is a passive mechanical part, its role is critical to electronic stability:
* **Heat Dissipation:** It increases the surface area of a hot electronic component, allowing airflow (convection) to carry heat away more efficiently than the component's package alone.
* **Thermal Interface Material (TIM):** This specific model typically comes with a pre-applied high-performance thermal interface (like T766) to ensure low thermal resistance between the chip and the heat sink.
* **Mechanical Security:** The "P2" designation refers to the push-pin mechanism. These pins go through pre-drilled holes in the PCB and use springs to apply constant, even pressure, ensuring the heat sink stays in contact with the chip during vibrations or thermal expansion.
---
### 3. Applications
This part is commonly used in industrial and telecommunications electronics where reliability is paramount:
1. **Network Switches/Routers:** Cooling high-speed processing chips.
2. **Embedded Systems:** Protecting ARM or x86 processors in fanless or forced-air enclosures.
3. **Power Supplies:** Dissipating heat from MOSFETs or voltage regulators.
---
### 4. Component Breakdown
The part number follows a standard nomenclature:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **P2:** Attachment type (Plastic push-pin with specific spring tension).
* **115:** Dimensional and fin configuration code.
* **C2:** Material/Color code (Blue Anodized Aluminum).
* **R0:** Revision or packaging code.
- ⤷What is the difference between push-pin and adhesive mounting for heat sinks?
- ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
- ⤷ Are there copper versions of the ATS-P2-115 series?