ATS-P2-115-C3-R0
AI

The **ATS-P2-115-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs.
---
## 1. Technical Specifications
The following table summarizes the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Black Anodized) |
| **Attachment Method** | pushPIN™ (Brass Pins) |
| **Spring Type** | Stainless Steel (Compression Spring) |
| **Thermal Interface Material (TIM)** | T412 (Pre-applied) |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 25.00mm |
| **Weight** | ~80 grams |
| **Thermal Resistance** | 5.45°C/W (at 100 LFM) |
---
## 2. Design Characteristics
The ATS-P2-115-C3-R0 is engineered for maximum surface area and airflow efficiency.
### A. Fin Geometry (maxiFLOW™)
The "maxiFLOW" design features a flared fin structure. Unlike standard vertical fins, these fins are angled to increase the surface area available for convection while reducing the pressure drop of the air passing through the sink.
### B. pushPIN™ Attachment
This model uses a mechanical mounting system instead of adhesive:
* **Reliability:** Provides consistent pressure on the chip to ensure optimal contact with the Thermal Interface Material (TIM).
* **Maintenance:** Allows for easy removal and re-installation compared to thermal tape.
### C. Thermal Interface Material (T412)
The unit comes with **T412** pre-applied. This is a high-performance thermal pad that fills microscopic air gaps between the component and the heat sink, significantly lowering the contact resistance.
---
## 3. Performance Data (Airflow)
Thermal performance varies based on the velocity of the air (Linear Feet per Minute - LFM) provided by the system fans.
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 5.45 |
| 300 (1.5 m/s) | 2.35 |
| 500 (2.5 m/s) | 1.75 |
---
## 4. Part Number Breakdown
The suffix **-C3-R0** provides specific manufacturing details:
* **C3:** Refers to the finish and material (Black Anodized Aluminum).
* **R0:** Indicates the revision status of the product design.
- ⤷
What are the specific hole patterns required for the pushPIN mounting on this model?
- ⤷ Can the T412 thermal interface be replaced with high-performance thermal paste?
- ⤷ How does the pressure drop of the maxiFLOW design compare to standard straight-fin heat sinks?