전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-P2-13-C1-R0

  • AI
    The **ATS-P2-13-C1-R0** is a high-performance electronic thermal management component manufactured by **Advanced Thermal Solutions (ATS)**. Specifically, it is a heat sink designed for cooling integrated circuits (ICs) and other electronic components. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and thermal characteristics. | Feature | Specification | | :--- | :--- | | **Product Type** | pushPIN™ Heat Sink | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded pins) | | **Base Dimensions** | 50.00mm x 50.00mm | | **Height** | 15.00mm | | **Thermal Resistance** | 13.68 °C/W (Unducted Flow @ 100 LFM) | | **Fin Style** | Fine Pitch (XC-Cut) | --- ### 2. Key Electronic Components & Design The "Electronic Parts" of this assembly are not active circuits, but rather the mechanical interface components that ensure thermal contact with the PCB. #### A. The Heat Sink Body * **Fin Design:** It uses a high-density fin array which maximizes surface area for heat dissipation. * **XC-Cut Pattern:** This allows for "cross-cut" airflow, meaning it can accept air from multiple directions, making it ideal for crowded PCBs where airflow direction might be inconsistent. #### B. The pushPIN™ Attachment System Instead of using messy adhesives or permanent solder, this part uses a mechanical fastening system: 1. **Brass Pins:** Inserted through pre-drilled holes in the PCB. 2. **Stainless Steel Springs:** Provide precise "Compression Force" to ensure the heat sink is pressed firmly against the component (CPU/GPU/FPGA). 3. **Plastic/Nylon Components:** Some variations use non-conductive materials to prevent electrical shorts on the board. #### C. Thermal Interface Material (TIM) The "R0" at the end of the part number typically indicates that the part comes with a **pre-applied Thermal Interface Material**. This is a specialized polymer or grease that fills microscopic air gaps between the chip and the aluminum base to improve heat transfer. --- ### 3. Application Use Cases This specific part is commonly found in the following electronic environments: * **Networking Hardware:** Routers, switches, and gateways. * **Industrial PCs:** Compact computers requiring passive or forced-air cooling. * **Power Supplies:** Cooling high-wattage MOSFETs or voltage regulators. * **Embedded Systems:** High-performance ARM or FPGA boards.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R0 and R1 suffixes in ATS heat sinks?
    • ⤷ How do I calculate the required airflow (LFM) for this specific model?
    • ⤷ Are there specific PCB hole patterns required for the pushPIN attachment?