전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-P2-149-C1-R0

  • AI
    The **ATS-P2-149-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from high-power electronic components like CPUs, GPUs, and ASICs. --- ### 1. Technical Specifications The following table outlines the physical and thermal properties of the component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (Blue Anodized) | | **Dimensions (L x W x H)** | 35mm x 35mm x 20mm | | **Thermal Resistance** | 6.18°C/W (at 200 LFM) | | **Attachment Method** | pushPIN™ (Brass/Plastic pins with springs) | | **Thermal Interface Material (TIM)** | ATS-54 (Pre-applied) | | **Weight** | ~25 grams | --- ### 2. Key Electronic Features While a heat sink is a passive component, its design is critical for the stability of electronic circuits: * **maxiFLOW™ Design:** It features a flared fin structure. This increases the surface area for cooling while reducing the pressure drop across the heat sink, allowing air to flow more freely through the fins. * **pushPIN™ Mounting:** This electronic assembly feature ensures a precise and consistent pressure on the semiconductor package. This is vital because uneven pressure can lead to poor thermal contact or mechanical stress on the PCB. * **Thermal Interface Material (TIM):** The **ATS-54** pre-applied pad is a high-performance phase-change material. It fills the microscopic air gaps between the component (chip) and the metal heat sink to ensure maximum heat transfer. * **EMI Shielding Compatibility:** The low profile and material composition are designed to minimize interference with high-frequency electronic signals on the board. --- ### 3. Applications This specific model is typically used in: 1. **Telecommunications:** Cooling of routers and high-speed switches. 2. **Embedded Systems:** Industrial PCs and automation controllers. 3. **Power Electronics:** Cooling of DC-DC converters or MOSFET arrays. ---
    ✨ Follow-up Questions
    • ⤷ What are the advantages of the pushPIN™ mounting system over traditional adhesive tape?
    • ⤷ How does the 'Blue Anodized' finish affect the heat sink's performance?
    • ⤷ Can this heat sink be used in a passive cooling environment without a fan?