전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-P2-57-C1-R0

  • AI
    The **ATS-P2-57-C1-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. It is designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs. --- ### 1. Technical Specifications The following table highlights the core physical and thermal properties of this specific part number: | Property | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Material** | Aluminum (with Blue Anodized finish) | | **Attachment Method** | Push-Pin with Brass Springs | | **Fin Style** | Straight Fin | | **Base Dimensions** | 40mm x 40mm | | **Height** | 15mm | | **Thermal Resistance** | 13.13 °C/W (at 1.0 m/s airflow) | | **Thermal Interface Material** | T766 (Pre-applied) | --- ### 2. Key Features * **Straight Fin Design:** Optimized for unidirectional airflow. This allows air to flow through the fins with minimal pressure drop. * **Push-Pin Attachment:** Features a plastic push-pin and brass spring mechanism. This ensures a consistent pressure on the electronic component, improving heat transfer reliability. * **Pre-applied TIM:** It comes with a high-performance **T766 thermal interface material** (thermal grease/pad) already applied to the base, simplifying the assembly process on the production line. * **Anodized Finish:** The blue anodized coating provides corrosion resistance and increased surface emissivity. --- ### 3. Application Use Cases This part is typically used in environments where high-power electronic components are packed into tight spaces: 1. **Telecommunications:** For cooling signal processing chips. 2. **Embedded Systems:** For industrial PCs where space-constrained cooling is required. 3. **Power Supplies:** To manage heat on MOSFETs or voltage regulators. --- ### 4. Part Number Breakdown The part number follows a specific nomenclature: * **ATS:** Advanced Thermal Solutions (The Brand). * **P2:** Series designation (Push-Pin type). * **57:** Specific geometry/size code. * **C1:** Blue Anodized finish. * **R0:** Revision or packaging code.
    ✨ Follow-up Questions
    • ⤷What is the hole pattern spacing for the ATS-P2-57-C1-R0 push-pins?
    • ⤷ How does the T766 thermal material compare to other TIM options?
    • ⤷ What is the weight of this heatsink?