전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATU6-V305T-R

  • AI
    The **ATU6-V305T-R** is a specific technical component, typically categorized as a **Surface Mount Device (SMD) RF Transformer** or **Balun**, often utilized in telecommunications, broadband networking, and signal processing equipment. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This part is designed for high-frequency applications, ensuring signal integrity while providing impedance matching or isolation. | Feature | Specification Details | | :--- | :--- | | **Component Type** | RF Transformer / Balun | | **Frequency Range** | Typically 5 MHz to 300 MHz (Broadband) | | **Impedance Ratio** | Commonly 1:1 or 1:4 (depending on specific circuit configuration) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **RoHS Status** | Compliant (-R suffix usually denotes RoHS) | --- ### 2. Electronic Functionality The ATU6-V305T-R performs three primary electronic functions within a circuit: * **Impedance Matching:** It aligns the characteristic impedance of the source and the load to maximize power transfer and minimize signal reflection (VSWR). * **Balanced-to-Unbalanced Conversion (Balun):** It converts signals between balanced lines (two conductors carrying equal and opposite signals) and unbalanced lines (one signal conductor and a ground). * **DC Isolation:** Because it uses magnetic coupling (induction) rather than a direct physical connection, it provides galvanic isolation, protecting sensitive ICs from DC offsets or surges. --- ### 3. Physical & Material Properties The "V305" series typically follows a standard footprint for automated assembly. * **Core Material:** Ferrite (high permeability to ensure low loss at high frequencies). * **Termination:** Lead-free tin-plated terminals for reliable soldering. * **Packaging:** Usually provided in **Tape & Reel** format (indicated by the "-R") for high-speed pick-and-place machines. --- ### 4. Typical Applications This component is frequently found in the following electronic systems: 1. **DOCSIS 3.0/3.1 Cable Modems:** Used in the tuner and upstream/downstream signal paths. 2. **Set-Top Boxes (STB):** Signal distribution for CATV. 3. **VDSL/ADSL Equipment:** Line interface modules. 4. **Wireless Infrastructure:** Intermediate Frequency (IF) stages in radio transceivers. --- ### 5. Pin Configuration (Typical) *Note: Always refer to the specific manufacturer datasheet for the exact pinout.* | Pin Number | Function | | :--- | :--- | | **1** | Primary Input (Signal) | | **2** | Primary Return / Ground | | **3** | Secondary Output (Positive) | | **4** | Secondary Center Tap (Optional) | | **6** | Secondary Output (Negative) |
    ✨ Follow-up Questions
    • ⤷ What is the exact insertion loss rated for the ATU6-V305T-R at 200MHz?
    • ⤷ Can this component be used in high-power RF transmitters
    • ⤷ or is it strictly for low-signal applications?
    • ⤷ Which manufacturers produce equivalents to the ATU6-V305T-R?