B3W-9010-R2N
AI

### Overview of B3W-9010-R2N
The **B3W-9010-R2N** is a specific model within the Omron B3W-9 series. It is an **Illuminated Tactile Switch** designed for through-hole mounting on Printed Circuit Boards (PCBs). This component combines a physical momentary switch with an integrated LED, allowing for compact user-interface designs.
---
### Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Tactile Switch (Momentary) |
| **Illumination Color** | Red (indicated by 'R' in the part number) |
| **LED Configuration** | 2 LEDs (integrated) |
| **Operating Force** | 1.57 N (approx. 160gf) |
| **Contact Form** | SPST-NO (Single Pole, Single Throw - Normally Open) |
| **Termination Style** | Through-hole (PCB pins) |
| **External Dimensions** | 10mm x 10mm |
| **Cap Style** | Square Cap |
---
### Technical Characteristics
#### 1. Mechanical Life
The switch is designed for high durability, typically rated for a minimum of **1,000,000 operations**. This makes it suitable for high-traffic interfaces.
#### 2. Sealing Structure
The B3W-9 series features a sealed construction (equivalent to **IP67**). This prevents dust and liquid ingress, allowing the component to be submersed during the soldering/washing process and ensuring reliability in harsh environments.
#### 3. Electrical Ratings
* **Switching Capacity:** 1 to 50 mA, 3 to 24 VDC.
* **Insulation Resistance:** 100 MΩ minimum (at 250 VDC).
* **Contact Resistance:** 100 mΩ maximum.
---
### Pin Configuration and Wiring
The device typically has 6 pins:
* **4 Pins** for the switch mechanism (arranged in pairs for stability).
* **2 Pins** dedicated to the LEDs (Anode and Cathode).
```text
Pin Layout Diagram (Top View):
[ 1 ] --- [ 2 ] (Switch Contacts)
[ L ] --- [ L ] (LED Anode/Cathode)
[ 3 ] --- [ 4 ] (Switch Contacts)
```
---
### Common Applications
* **Control Panels:** Industrial machinery and automation controls.
* **Medical Equipment:** Devices requiring a sealed, easy-to-clean interface.
* **Consumer Electronics:** High-end audio equipment or office peripherals where status indication is needed on the button itself.
- ⤷
What is the maximum forward current for the integrated red LEDs?
- ⤷ How does the 'R2N' suffix differ from the 'R1N' version?
- ⤷ Is this switch compatible with wave soldering processes?