B3W-9010-R2R
AI

## Technical Overview: Omron B3W-9010-R2R
The **B3W-9010-R2R** is a specific model of tactile switch manufactured by **Omron Electronics**. It belongs to the B3W series, which is characterized by its integrated LED illumination and a sealed structure that provides high reliability in dusty or damp environments.
### 1. Key Component Specifications
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Tactile Switch (SPST-NO) |
| **Illumination** | Integrated LED |
| **LED Color** | Red (Single Color) |
| **Cap Color** | Red |
| **Operating Force** | 1.57 N (approx. 160 gf) |
| **Contact Rating** | 1 to 50 mA, 5 to 24 VDC |
| **Sealing Rating** | Equivalent to IP67 (Dust-tight, Water-resistant) |
| **Termination Style** | Through-hole (PCB) |
---
### 2. Functional Design
The B3W-9010-R2R is engineered with three primary internal systems:
#### A. Contact Mechanism
* **Tactile Feedback:** Utilizes a snap-action metal dome that provides a crisp "click" when actuated.
* **Sealed Construction:** The internal switching mechanism is protected by a rubber boot or membrane, preventing flux or liquid ingress during the soldering process or end-use.
#### B. Illumination System
* **Internal LED:** The LED is embedded within the switch body.
* **Independent Circuitry:** The LED pins are separate from the switch pins, allowing the light to be controlled independently (e.g., staying on constantly or blinking upon press).
* **Diffused Cap:** The red cap acts as a light diffuser to ensure even brightness across the surface.
#### C. Electrical Pinout
Typically, this switch has 6 pins:
1. **Switch Terminals (2 pins):** Closed when the button is pressed.
2. **LED Terminals (2 pins):** Anode and Cathode for the red LED.
3. **Dummy/Support Terminals (2 pins):** Used for mechanical stability on the PCB.
---
### 3. Application Use Cases
Due to its illuminated nature and high durability, it is commonly found in:
* **Industrial Controls:** Status indicators on control panels.
* **Medical Equipment:** Interface buttons that require sterilization or liquid resistance.
* **Consumer Electronics:** Power buttons or mode selectors where visual feedback is required.
---
### 4. Typical Circuit Integration
When integrating the B3W-9010-R2R, you must use a current-limiting resistor for the LED.
```cpp
// Example: Basic LED Calculation for 5V System
// LED Forward Voltage (Vf) approx: 2.0V
// Desired Current (If): 10mA (0.01A)
// Resistor = (Source Voltage - Vf) / If
// Resistor = (5V - 2.0V) / 0.01A = 300 Ohms
```
- ⤷What is the footprint layout for soldering this switch onto a PCB?
- ⤷ Can this switch be used with AC voltage instead of DC?
- ⤷ What is the mechanical life expectancy (number of operations) for the B3W series?