AI

The **B560CL-SMC-R** is an industrial-grade motherboard, typically utilized in signage, kiosks, or embedded computing systems. It is based on the Intel® B560 chipset and designed for the LGA1200 socket.
Below is a breakdown of its primary electronic components and specifications.
---
### 1. Core Architecture & Chipset
The board is built around the **Intel B560 Chipset**, which acts as the communications hub between the CPU and peripheral devices.
| Component | Specification |
| :--- | :--- |
| **CPU Socket** | LGA1200 (Supports 10th & 11th Gen Intel Core i3/i5/i7/i9) |
| **Chipset** | Intel B560 |
| **Form Factor** | Thin Mini-ITX (commonly used in "SMC" or Small Form Factor builds) |
---
### 2. Power Delivery & Management
Because this board is often used in embedded systems (indicated by the "SMC" suffix), its power delivery system is specialized:
* **DC-IN Power:** Unlike standard ATX boards, these often feature a 12V or 19V DC jack for external power adapters.
* **Solid Capacitors:** Uses high-durability capacitors to ensure stability under 24/7 thermal stress.
* **Voltage Regulator Modules (VRM):** Multi-phase VRM to handle the power requirements of 11th Gen processors which have higher peak current draws.
---
### 3. Memory and Storage Interface
The "CL" designation often refers to specific configurations for industrial reliability.
| Part Type | Description |
| :--- | :--- |
| **RAM Slots** | 2x DDR4 SO-DIMM (Laptop style) up to 3200MHz |
| **SATA Ports** | 2x SATA III (6Gb/s) for traditional SSD/HDD |
| **M.2 Slots** | 1x M.2 Key-M (NVMe Gen 4 support with 11th Gen CPU) |
| **Expansion** | 1x M.2 Key-E (typically for Wi-Fi/Bluetooth modules) |
---
### 4. I/O and Connectivity
The "R" in the model name often signifies a specific Revision or a focus on "Rear" I/O density.
* **Display Output:** Usually features HDMI and DisplayPort (DP), supporting 4K resolutions.
* **Networking:** Integrated Realtek or Intel Gigabit Ethernet (GbE) controller.
* **USB Components:** USB 3.2 Gen 1 and Gen 2 headers for high-speed data transfer.
* **Audio:** Integrated Realtek High Definition Audio Controller.
---
### 5. Technical Identification Summary
```json
{
"Model": "B560CL-SMC-R",
"Chipset_Type": "B560",
"Socket": "LGA1200",
"Application": "Industrial/Digital Signage/SFF",
"PCIe_Support": "PCIe 4.0 (CPU Dependent)"
}
```
- ⤷
Does this motherboard support ECC memory for industrial use?
- ⤷ What is the maximum TDP rating for CPUs compatible with the B560CL-SMC-R?
- ⤷ Can this board be powered by a standard 24-pin ATX power supply?