전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • BA6220-S08-R

  • AI
    The **BA6220-S08-R** is a specialized monolithic integrated circuit designed primarily as a **motor speed controller** for radio-cassette players and other audio equipment. It is engineered to maintain a constant motor speed despite variations in load or supply voltage. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Package Type** | SOP-8 (Small Outline Package) | | **Supply Voltage (Vcc)** | 3.5V to 16V | | **Maximum Motor Current** | Approx. 700mA | | **Reference Voltage** | Typ. 1.25V | | **Operating Temperature** | -25°C to +75°C | | **Function** | DC Motor Speed Control (with Bridge Circuitry) | --- ### 2. Functional Features * **Internal Bridge Circuit:** It utilizes a specialized bridge arrangement that detects the back-electromotive force (EMF) of the motor to compensate for load torque fluctuations. * **Low Current Consumption:** Designed for battery-operated devices, it maintains high efficiency to extend battery life. * **Speed Adjustment:** The motor speed can be finely tuned by adjusting an external resistor connected to the reference pin. * **Stability:** High stability against ambient temperature changes and fluctuations in the input supply voltage. --- ### 3. Pin Configuration (SOP-8) | Pin No. | Symbol | Description | | :--- | :--- | :--- | | 1 | **Vcc** | Power Supply Input | | 2 | **Control** | Speed Control/Reference terminal | | 3 | **OUT** | Motor Drive Output | | 4 | **GND** | Ground | | 5-8 | **N/C or Internal** | Often used for thermal dissipation or internal connections | --- ### 4. Typical Application Circuit In a standard configuration, the motor is connected between the **OUT** pin and the power source or ground (depending on the specific bridge setup). A resistor ($R_t$) and a capacitor ($C_t$) are usually connected to the control pins to set the time constant for the speed regulation loop. ```mermaid graph LR Vcc --- IC[BA6220] IC --- Motor IC --- Reg_Resistor[Speed Adjust] IC --- GND ``` --- ### 5. Common Use Cases * **Portable Audio:** Cassette tape recorders and Walkman-style devices. * **Precision Rotators:** Small DC motor applications requiring consistent RPM. * **Office Automation:** Small mechanical feeders or rotating mechanisms in printers.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative ICs for the BA6220?
    • ⤷ How does the back-EMF detection mechanism work in this IC?
    • ⤷ Can the BA6220 be used to control brushless DC motors?