전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • BAS-M-R0001

  • AI
    The **BAS-M-R0001** is a high-precision, industrial-grade current shunt resistor module, commonly used in Battery Management Systems (BMS), electric vehicle (EV) charging stations, and energy storage systems. Below is an explanation of its electronic components, technical specifications, and internal design. --- ### 1. Core Component: The Shunt Resistor The heart of the BAS-M-R0001 is a **Manganin shunt**. Unlike standard resistors, this part is designed to handle extremely high currents while maintaining a very low resistance value to minimize heat dissipation (Power = $I^2R$). | Parameter | Typical Value | | :--- | :--- | | **Resistance Value** | 100 $\mu\Omega$ (0.0001 $\Omega$) | | **Current Rating** | Up to 500A (Continuous) / 1500A (Peak) | | **Tolerance** | $\pm 1\%$ or $\pm 5\%$ (Model dependent) | | **Temperature Coefficient** | < 30 ppm/K | ### 2. Material Composition The module is constructed using specialized metallurgy to ensure stability across wide temperature ranges: * **Manganin Alloy:** The resistive element. It is chosen for its extremely low temperature coefficient of resistance (TCR), meaning the resistance doesn't change significantly as it gets hot. * **Copper Terminals:** High-conductivity copper "busbars" are electron-beam welded to the Manganin. This ensures a low-resistance path for the main current flow. * **Insulation Coating:** Usually features a protective epoxy or PPS (Polyphenylene Sulfide) housing to prevent oxidation and environmental damage. ### 3. Electronic Interface (The Sense Pins) The module features auxiliary pins used for Kelvin (4-wire) sensing. This is critical for accuracy: 1. **Main Power Terminals:** Large surface areas for the high-current cables. 2. **Voltage Sensing Pins:** These connect to a microcontroller or an Analog-to-Digital Converter (ADC). By measuring the tiny voltage drop across the shunt ($V = I \times R$), the system calculates the precise current. ### 4. Typical Application Circuit When integrated into a system, the electronic layout usually follows this logic: ```mermaid graph LR A[Battery Positive] --> B[BAS-M-R0001 Shunt] B --> C[Load/Motor] B -- Tiny Voltage Signal --> D[In-Amp / ADC] D -- Digital Data --> E[Microcontroller] ``` --- ### Summary of Benefits * **High Precision:** Capable of measuring current with minimal error. * **Low Self-Heating:** Due to the 100 $\mu\Omega$ resistance, even at 100A, the power loss is only 1 Watt. * **Long-term Stability:** The materials used are resistant to "drift," ensuring the battery SOC (State of Charge) remains accurate over years of use.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 2-wire and a 4-wire (Kelvin) measurement in these shunts?
    • ⤷ How does temperature affect the accuracy of the BAS-M-R0001?
    • ⤷ What are the recommended ADC types for reading the voltage signal from this resistor?