전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • BAT54A-AL3-R

  • AI
    The **BAT54A-AL3-R** is a specific variant of the popular BAT54 series of Schottky Barrier Diodes. It is widely used in electronics for high-speed switching and circuit protection due to its low forward voltage drop and fast recovery time. --- ### 1. Component Identification The part number can be broken down to understand its specific configuration: | Part Segment | Meaning | | :--- | :--- | | **BAT54** | Base model (Schottky Barrier Diode) | | **A** | Configuration: **Common Anode** (Two diodes with anodes connected) | | **AL3** | Package Type: Typically refers to **SOT-23** (Standard 3-pin surface mount) | | **R** | Packaging: **Tape & Reel** (Standard for automated assembly) | --- ### 2. Internal Configuration The "A" suffix indicates a **Common Anode** arrangement. In a 3-pin SOT-23 package, the internal circuit looks like this: * **Pin 1:** Cathode 1 ($K_1$) * **Pin 2:** Cathode 2 ($K_2$) * **Pin 3:** Common Anode ($A_{1,2}$) --- ### 3. Key Technical Specifications Below are the typical electrical characteristics for the BAT54A series: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Continuous Reverse Voltage** | $V_R$ | 30V (Max) | | **Forward Current** | $I_F$ | 200mA | | **Forward Voltage Drop** | $V_F$ | ~0.32V @ 1mA / ~1.0V @ 100mA | | **Reverse Recovery Time** | $t_{rr}$ | 5ns | | **Power Dissipation** | $P_D$ | 200mW - 250mW | | **Operating Temperature** | $T_j$ | -55°C to +125°C | --- ### 4. Major Applications Because of its small footprint and dual-diode nature, the BAT54A-AL3-R is commonly used for: 1. **Signal Clamping:** Protecting sensitive IC inputs from overvoltage or negative transients. 2. **Reverse Polarity Protection:** Protecting low-power circuits from battery reversal. 3. **Ultra High-Speed Switching:** Used in logic circuits where fast state transitions are required. 4. **Voltage Doublers:** The dual-diode setup is ideal for small voltage multiplier circuits. --- ### 5. Advantages of the BAT54A * **Low $V_F$:** Minimizes power loss compared to standard silicon diodes ($0.7V$). * **Fast Switching:** Schottky technology allows for nanosecond recovery times. * **Space Saving:** Two diodes in a single SOT-23 package reduces PCB real estate.
    ✨ Follow-up Questions
    • ⤷ What is the difference between BAT54A
    • ⤷ BAT54C
    • ⤷ and BAT54S?
    • ⤷ How do I calculate the power dissipation of this diode in my circuit?
    • ⤷ Can this diode be used for high-current power rectification?