전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • BAT54L-AE3-R

  • AI
    ## BAT54L-AE3-R: Technical Overview The **BAT54L-AE3-R** is a specific variant of the widely used BAT54 series. It is a **Schottky Barrier Diode** known for its low forward voltage drop and high-speed switching capabilities. --- ### 1. Key Technical Specifications | Parameter | Value | Description | | :--- | :--- | :--- | | **Diode Type** | Schottky | Metal-semiconductor junction | | **Max Repetitive Reverse Voltage ($V_{RRM}$)** | 30V | Maximum voltage the diode can block | | **Forward Continuous Current ($I_F$)** | 200mA | Maximum continuous current flow | | **Forward Voltage ($V_F$)** | ~0.32V to 1.0V | Voltage drop (depends on current) | | **Reverse Recovery Time ($t_{rr}$)** | < 5ns | Time to switch from ON to OFF state | | **Package Type** | SOT-23 | Small Outline Transistor (Surface Mount) | --- ### 2. Physical and Packaging Details The suffix **AE3-R** typically denotes the manufacturing specifics for the **UTC (Unisonic Technologies)** version: * **AE3**: Refers to the **SOT-23** package type. * **R**: Indicates **Tape and Reel** packaging for automated SMT (Surface Mount Technology) assembly. * **L**: In some contexts, this signifies "Low Leakage" or a specific "Lead-free/Halogen-free" status depending on the brand's datasheet. --- ### 3. Core Features and Benefits 1. **Fast Switching**: Due to the Schottky construction, the reverse recovery time is negligible, making it ideal for high-frequency applications. 2. **Low Forward Voltage**: It wastes less power as heat compared to standard silicon diodes (which typically have a $V_F$ of 0.7V). 3. **PN Junction Guard Ring**: Includes an integrated guard ring for stress protection and high reliability. --- ### 4. Common Applications * **Ultra High-Speed Switching**: Used in logic circuits and communication gear. * **Voltage Clamping**: Protecting sensitive IC inputs from overvoltage transients. * **Reverse Polarity Protection**: Preventing damage if batteries or power supplies are connected backward (limited to low current). * **Mixers and Detectors**: Used in RF circuits for signal demodulation. --- ### 5. Internal Configuration (SOT-23) The BAT54L is typically a **single diode** configuration within the 3-pin SOT-23 package: * **Pin 1**: Anode * **Pin 2**: Not Connected (NC) or Anode (depending on specific sub-variant) * **Pin 3**: Cathode
    ✨ Follow-up Questions
    • ⤷ What is the difference between the BAT54 and the BAT54S or BAT54C variants?
    • ⤷ How does temperature affect the reverse leakage current of this Schottky diode?
    • ⤷ Can the BAT54L-AE3-R be used for power rectification in high-current circuits?